Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR157 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FR157
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FR157 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FR157 Datasheet HTML 1Page - List of Unclassifed Manufacturers FR157 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Low cost construction
Low forward voltage drop
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208C
Any
0.014 ounce,0.39 gram
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
o
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375
(9.5mm) lead length at T =75 C
A
o
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage at 1.5A
Maximum DC Reverse Current
at rated DC blocking voltage
T =25 C
T =100 C
A
o
A
o
Maximum Reverse Recovery Time(NOTE3)
T =25 C
j
o
Typical Junction Capacitance(NOTE1)
Typical Thermal Resistance(NOTE2)
Operating and Storage Temperature Range
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Thermal Resistance from Junction to Ambient at 0.375”(9.5mm) lead length,P.C.board mounted.
3.Reverse Recovery Test Conditions:I =0.5A,I =1.0A,I =0.25A.
F
R
rr
SYMBOLS
UNITS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
T ,T
J
STG
-65 to +150
50
200
5.0
1.3
60
1.5
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Amps
Volts
Amps
p
F
O C/W
O C
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
1.0 Ampere
FR
151
FR
152
FR
153
FR
154
FR
155
FR
156
n
S
trr
Amps
25
150
250
500
FR
157
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
.034(0.9)
.028(0.7)
DIA.
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
DIA
DO-15
1.0(25.4)
MIN
Volts
Volts
Volts
FAST RECOVERY RECTIFIER
R JA
FR151-157
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - FR157

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR157 WTE-FR157 Datasheet
46Kb / 3P
   1.5A FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
FR157 PACELEADER-FR157 Datasheet
609Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
logo
Shenzhen Ping Sheng Ele...
FR157 PFS-FR157 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
Taiwan Semiconductor Co...
FR157 TSC-FR157 Datasheet
375Kb / 4P
   Fast Recovery Rectifiers
logo
Leshan Radio Company
FR157 LRC-FR157 Datasheet
50Kb / 2P
   1.5A FAST RECOVERY DIODES
More results

Similar Description - FR157

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com