Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP01L60T-H-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP01L60T-H-HF
Description  Fast Switching Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP01L60T-H-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP01L60T-H-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP01L60T-H-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP01L60T-H-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP01L60T-H-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP01L60T-H-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Drain Current v.s.
Fig 10. Typical Power Dissipation
Case Temperature
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Q
VG
10V
QGS
QGD
QG
Charge
1
10
100
1000
1
5
9
131721
2529
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
10
12
01234
56789
Q G , Total Gate Charge (nC)
I D = 100m A
V DS = 480 V
0.00
0.05
0.10
0.15
0.20
25
50
75
100
125
150
T A , Case Temperature (
o C )
0
0.4
0.8
1.2
25
50
75
100
125
150
T A , Case Temperature(
o C)


Similar Part No. - AP01L60T-H-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP01L60T-H-HF A-POWER-AP01L60T-H-HF_16 Datasheet
97Kb / 5P
   Fast Switching Characteristics
More results

Similar Description - AP01L60T-H-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2762I-A-HF A-POWER-AP2762I-A-HF_14 Datasheet
91Kb / 4P
   Fast Switching Characteristics
AP2762S-A-HF A-POWER-AP2762S-A-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_14 Datasheet
67Kb / 4P
   Fast Switching Characteristics
AP09N70P-H A-POWER-AP09N70P-H_14 Datasheet
69Kb / 4P
   Fast Switching Characteristics
AP4002I-HF A-POWER-AP4002I-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
AP01L60H-HF A-POWER-AP01L60H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP01L60T-HF A-POWER-AP01L60T-HF_16 Datasheet
56Kb / 5P
   Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_16 Datasheet
66Kb / 5P
   Fast Switching Characteristics
AP09N20BGH-HF A-POWER-AP09N20BGH-HF_16 Datasheet
98Kb / 5P
   Fast Switching Characteristics
AP09N20H-HF A-POWER-AP09N20H-HF_16 Datasheet
107Kb / 5P
   Fast Switching Characteristics
AP92T03GH-HF A-POWER-AP92T03GH-HF_16 Datasheet
63Kb / 5P
   Fast Switching Characteristics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com