Electronic Components Datasheet Search |
|
AP02N90H-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp. |
|
AP02N90H-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp. |
2 / 4 page Electrical Characteristics@Tj=25 oC(unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Units BVDSS Drain-Source Breakdown Voltage VGS=0V, ID=250uA 900 - - V ΔBV DSS/ΔTj Breakdown Voltage Temperature Coefficient Reference to 25℃, ID=1mA - 0.8 - V/℃ RDS(ON) Static Drain-Source On-Resistance VGS=10V, ID=0.85A - - 7.2 Ω VGS(th) Gate Threshold Voltage VDS=VGS, ID=250uA 2 - 4 V gfs Forward Transconductance VDS=10V, ID=1.9A - 2 - S IDSS Drain-Source Leakage Current VDS=900V, VGS=0V - - 10 uA Drain-Source Leakage Current (Tj=125 oC) V DS=720V, VGS=0V - - 100 uA IGSS Gate-Source Leakage VGS=+30V, VDS=0V - - +100 nA Qg Total Gate Charge 3 ID=1.9A - 12 20 nC Qgs Gate-Source Charge VDS=540V - 2.5 - nC Qgd Gate-Drain ("Miller") Charge VGS=10V - 4.7 - nC td(on) Turn-on Delay Time 3 VDD=450V - 10 - ns tr Rise Time ID=1.9A - 5 - ns td(off) Turn-off Delay Time RG=10Ω,VGS=10V - 18 - ns tf Fall Time RD=236Ω -9 - ns Ciss Input Capacitance VGS=0V - 630 1000 pF Coss Output Capacitance VDS=25V - 40 - pF Crss Reverse Transfer Capacitance f=1.0MHz - 4 - pF Source-Drain Diode Symbol Parameter Test Conditions Min. Typ. Max. Units VSD Forward On Voltage 3 IS=1.9A, VGS=0V - - 1.3 V trr Reverse Recovery Time 3 IS=1.9A, VGS=0V, - 360 - ns Qrr Reverse Recovery Charge dI/dt=100A/µs - 1.8 - µC Notes: 1.Pulse width limited by Max. junction temperature. 2.Starting Tj=25 oC , V DD=50V , L=10mH , RG=25Ω , IAS=1.9A. 3.Pulse test THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. AP02N90H/J-HF 4.Surface mounted on 1 in 2 copper pad of FR4 board 2 |
Similar Part No. - AP02N90H-HF_14 |
|
Similar Description - AP02N90H-HF_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |