Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSR312 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HSR312
Description  Photovoltaic Solid-State Relay Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HSR312 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HSR312 Datasheet HTML 2Page - Fairchild Semiconductor HSR312 Datasheet HTML 3Page - Fairchild Semiconductor HSR312 Datasheet HTML 4Page - Fairchild Semiconductor HSR312 Datasheet HTML 5Page - Fairchild Semiconductor HSR312 Datasheet HTML 6Page - Fairchild Semiconductor HSR312 Datasheet HTML 7Page - Fairchild Semiconductor HSR312 Datasheet HTML 8Page - Fairchild Semiconductor HSR312 Datasheet HTML 9Page - Fairchild Semiconductor HSR312 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HSR312, HSR312L, HSR412, HSR412L Rev. 1.1.3
7
Package Dimensions
8.13–8.89
6.10–6.60
Pin 1
64
13
0.25–0.36
5.08 (Max.)
3.28–3.53
0.38 (Min.)
2.54–3.81
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
7.62 (Typ.)
15° (Typ.)
0.20–0.30
Through Hole
Surface Mount
Rcommended Pad Layout
(1.78)
(2.54)
(1.52)
(7.49)
(10.54)
(0.76)
8.13–8.89
Note:
All dimensions in mm.
6.10–6.60
8.43–9.90
Pin 1
64
13
0.25–0.36
2.54 (Bsc)
(0.86)
0.41–0.51
1.02–1.78
0.76–1.14
0.38 (Min.)
3.28–3.53
5.08
(Max.)
0.20–0.30
0.16–0.88
(8.13)


Similar Part No. - HSR312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312 Datasheet
371Kb / 8P
   PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
HSR312 FAIRCHILD-HSR312 Datasheet
507Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
HSR312 FAIRCHILD-HSR312 Datasheet
262Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
HSR312L FAIRCHILD-HSR312L Datasheet
371Kb / 8P
   PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
HSR312L FAIRCHILD-HSR312L Datasheet
507Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
More results

Similar Description - HSR312

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HSR312 FAIRCHILD-HSR312 Datasheet
371Kb / 8P
   PHOTOVOLTAIC SOLID-STATE RELAY OPTOCOUPLERS
HSR312 FAIRCHILD-HSR312_06 Datasheet
507Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
HSR412SR2 FAIRCHILD-HSR412SR2 Datasheet
262Kb / 10P
   Photovoltaic Solid-State Relay Optocouplers
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.5, 31-Jan-2019
LH1262CB VISHAY-LH1262CB_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.6, 07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.4, 26-Sep-11
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.8, 29-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com