Electronic Components Datasheet Search |
|
HD74ACT374 Datasheet(PDF) 5 Page - Hitachi Semiconductor |
|
HD74ACT374 Datasheet(HTML) 5 Page - Hitachi Semiconductor |
5 / 11 page HD74AC374/HD74ACT374 5 AC Operating Requirements: HD74AC374 Ta = +25 °C C L = 50 pF Ta = –40 °C to +85 °C C L = 50 pF Item Symbol V CC (V)* 1 Typ Guaranteed Minimum Unit Setup time, HIGH or LOW t su 3.3 2.0 5.5 6.0 ns D n to CP 5.0 1.0 4.0 4.5 Hold time, HIGH or LOW t h 3.3 –1.0 1.0 1.0 ns D n to CP 5.0 –4.0 1.5 1.5 CP pulse width, HIGH or LOW t w 3.3 4.0 5.5 6.0 ns 5.0 2.5 4.0 4.5 Note: 1. Voltage Range 3.3 is 3.3 V ± 0.3 V Voltage Range 5.0 is 5.0 V ± 0.5 V AC Characteristics: HD74ACT374 Ta = +25 °C C L = 50 pF Ta = –40 °C to +85°C C L = 50 pF Item Symbol V CC (V)* 1 Min Typ Max Min Max Unit Maximum clock frequency f max 5.0 100 160 — 90 — MHz Propagation delay CP to O n t PLH 5.0 1.0 8.5 10.0 1.0 11.5 ns Propagation delay CP to O n t PHL 5.0 1.0 8.0 9.5 1.0 11.0 ns Output enable time t PZH 5.0 1.0 8.0 9.5 1.0 10.5 ns Output enable time t PZL 5.0 1.0 8.0 9.0 1.0 10.5 ns Output disable time t PHZ 5.0 1.0 8.5 11.5 1.0 12.5 ns Output disable time t PLZ 5.0 1.0 7.0 8.5 1.0 10.0 ns Note: 1. Voltage Range 5.0 is 5.0 V ± 0.5 V |
Similar Part No. - HD74ACT374 |
|
Similar Description - HD74ACT374 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |