Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ACT374 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HD74ACT374
Description  Octal D-Type Flip-Flops with 3-State Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT374 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HD74ACT374 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 8Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 9Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 10Page - Hitachi Semiconductor HD74ACT374 Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-20DB
Conforms
0.52 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.12
0.15
0
° – 8°
M
20
11
1
1.27
10
12.8
13.2 Max
*0.42
± 0.08
+ 0.57
– 0.30
0.70
+ 0.25
– 0.40
10.40
1.45
0.935 Max
0.40
± 0.06


Similar Part No. - HD74ACT374

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ACT373 HITACHI-HD74ACT373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
logo
Renesas Technology Corp
HD74ACT373 RENESAS-HD74ACT373 Datasheet
136Kb / 10P
   Octal Transparent Latch with 3-State Output
More results

Similar Description - HD74ACT374

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC374 RENESAS-HD74AC374 Datasheet
136Kb / 10P
   Octal D-Type Flip-Flops with 3-State Output
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
HD74BC574A RENESAS-HD74BC574A Datasheet
190Kb / 8P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 RENESAS-HD74HC564_15 Datasheet
143Kb / 12P
   Octal D-type Flip-Flops (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com