Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120NG-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9120NG-G
Description  High-Voltage, Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9120NG-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV9120NG-G Datasheet HTML 1Page - Supertex, Inc HV9120NG-G Datasheet HTML 2Page - Supertex, Inc HV9120NG-G Datasheet HTML 3Page - Supertex, Inc HV9120NG-G Datasheet HTML 4Page - Supertex, Inc HV9120NG-G Datasheet HTML 5Page - Supertex, Inc HV9120NG-G Datasheet HTML 6Page - Supertex, Inc HV9120NG-G Datasheet HTML 7Page - Supertex, Inc HV9120NG-G Datasheet HTML 8Page - Supertex, Inc HV9120NG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Supertex inc.
HV9120
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9120
B060412
Features
10 to 450V input voltage range
<1.3mA supply current
>1.0MHz clock
>20:1 dynamic range @ 500KHz
49% Maximum duty cycle version
Low internal noise
Applications
Off-line high frequency power supplies
Universal input power supplies
High density power supplies
Very high efficiency power supplies
Extra wide load range power supplies
General Description
The Supertex HV9120 is a Switch Mode Power Supply
(SMPS) controller subsystem that can start and run directly
from almost any DC input, from a 12V battery to a rectified
and filtered 240V AC line. It contains all the elements
required to build a single-switch converter except for the
switch, magnetic assembly, output rectifier(s) and filter(s).
High-Voltage,
Current-Mode PWM Controller
+
+
+
+
+
OSC
R
S
Q
COMP
FB
VREF
BIAS
VDD
+VIN
Pre-regulator/Startup
8.6V
8.1V
S
R
Q
V
DD
SHUTDOWN
RESET
SENSE
OUTPUT
4V
1.2V
To VDD
2V
T
Q
5 (6)
6 (8)
4 (5)
12 (16)
13 (17)
1 (3)
7 (9)
16 (20)
11 (14)
15
(19)
14
(18)
9
(11) 8 (10)
REF
GEN
Modulator
Comparator
Current Limit
Comparator
OSC
IN
OSC
OUT
Undervoltage
Comparator
Error
Amplifier
To
Internal
Circuits
Current
Sources
-VIN
A unique input circuit allows the HV9120 to self-start directly
from a high voltage input, and subsequently take the power
to operate from one of the outputs of the converter it is
controlling, allowing very efficient operation while maintaining
input-to-output galvanic isolation limited in voltage only by
the insulation system of the associated magnetic assembly.
A ±2% internal bandgap reference, internal operational
amplifier, very high speed comparator, and output buffer
allow production of rugged, high performance, high efficiency
power supplies of 50W or more, which can still be over 80%
efficient at outputs of 1.0W or less. The wide dynamic range of
the controller system allows designs with extremely wide line
and load variations with much less difficulty and much higher
efficiency than usual. The exceptionally wide input voltage
range also allows better usage of energy stored in input
dropout capacitors than with other PWM ICs. Remote on/off
controls allow either latching or nonlatching remote shutdown.
During shutdown, the power required is under 6.0mW.
For detailed circuit and application information, please
refer to application notes AN-H13, AN-H21 to AN-H24.
Functional Block Diagram
Note:
Pin numbers in parentheses are for PLCC package.


Similar Part No. - HV9120NG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9120NG-G MICROCHIP-HV9120NG-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M901 MICROCHIP-HV9120NG-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9120NG-G-M934 MICROCHIP-HV9120NG-G-M934 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
More results

Similar Description - HV9120NG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com