Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9961LG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9961LG-G
Description  LED Driver with Average-Mode Constant Current Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9961LG-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV9961LG-G Datasheet HTML 1Page - Supertex, Inc HV9961LG-G Datasheet HTML 2Page - Supertex, Inc HV9961LG-G Datasheet HTML 3Page - Supertex, Inc HV9961LG-G Datasheet HTML 4Page - Supertex, Inc HV9961LG-G Datasheet HTML 5Page - Supertex, Inc HV9961LG-G Datasheet HTML 6Page - Supertex, Inc HV9961LG-G Datasheet HTML 7Page - Supertex, Inc HV9961LG-G Datasheet HTML 8Page - Supertex, Inc HV9961LG-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HV9961
Supertex inc.
www.supertex.com
Functional Block Diagram
Sym
Description
Min
Typ
Max
Units Conditions
TOFF Timer
T
OFF
Off time
-
32
40
48
μs
R
T = 1.00MΩ
-
8.0
10
12
R
T = 226kΩ
GATE Driver
I
SOURCE
GATE sourcing current
-
0.165
-
-
A
V
GATE = 0V, VDD = 7.5V
I
SINK
GATE sinking current
-
0.165
-
-
A
V
GATE = VDD, VDD = 7.5V
t
RISE
GATE output rise time
-
-
30
50
ns
C
GATE = 500pF, VDD = 7.5V
t
FALL
GATE output fall time
-
-
30
50
ns
C
GATE = 500pF, VDD = 7.5V
Notes:
*
Denotes the specifications which apply over the full operating ambient temperature range of -40°C < T
A < +125°C.
#
Guaranteed by design.
Electrical Characteristics (Specifications are at T
A = 25°C. VIN = 12V, VLD = VDD, PWMD = VDD unless otherwise noted))
CS
R
S
Q
Q
T
OFF
Timer
L/E
Blanking
GATE
0.44V
MIN (V
LD • 0.185, 0.275V)
LD
400µs
PWMD
RT
GND
Current
Mirror
i
Regulator
VIN
VDD
UVLO
POR
0.15/0.20V
Average Current
Control Logic
OUT
Auto-REF
HV9961
CLK
IN


Similar Part No. - HV9961LG-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9961LG-G-M901 MICROCHIP-HV9961LG-G-M901 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9961LG-G-M934 MICROCHIP-HV9961LG-G-M934 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
More results

Similar Description - HV9961LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
   LED Driver with Average-Mode, Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
   LED Driver with Average-Mode Constant Current Control
logo
Supertex, Inc
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
   LED Driver with Average-Mode Constant Current Control
logo
Feeling Technology Corp...
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
   LED Driver with Average-Current Mode Constant-Current Control
09/14/21
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
   LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
   LED Driver with Average-Mode Constant Current Control
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
   LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
   LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961 FS-FC9961 Datasheet
365Kb / 7P
   LED Driver with Average-Mode Constant Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com