Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74AC670 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74AC670
Description  4 x 4 Register File with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC670 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74AC670 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 9Page - Hitachi Semiconductor HD74AC670 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74AC670

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74AC HITACHI-HD74AC Datasheet
214Kb / 52P
   HD74AC Series Common Information
HD74AC00 HITACHI-HD74AC00 Datasheet
43Kb / 7P
   Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
   Quad 2-Input NAND Gate
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
101Kb / 7P
   Quad 2-Input NAND Gate
HD74AC00FPEL RENESAS-HD74AC00FPEL Datasheet
120Kb / 9P
   Quad 2-Input NAND Gate
More results

Similar Description - HD74AC670

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
   4 x 4 register file; 3-state
December 1990
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
   3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
logo
List of Unclassifed Man...
74170 ETC1-74170 Datasheet
324Kb / 3P
   4 X 4 REGISTER FILE (With Open-Collector Output)
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com