Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP03N70I-A-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP03N70I-A-HF
Description  Simple Drive Requirement
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP03N70I-A-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP03N70I-A-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP03N70I-A-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP03N70I-A-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP03N70I-A-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
650V
▼ Fast Switching
RDS(ON)
3.6Ω
▼ Simple Drive Requirement
ID
3.3A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
4.3
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
65
℃/W
Data & specifications subject to change without notice
201008252
Rating
650
AP03N70I-A-HF
3.3
2.1
Halogen-Free Product
Storage Temperature Range
-55 to 150
10
29
Linear Derating Factor
0.23
Parameter
3
Parameter
-55 to 150
67
1
+30
G
D
S
G
D
S
TO-220CFM(I)
AP03N70 series are specially designed as main switching devices for
universal 90~265VAC off-line AC/DC converter applications.
TO-220CFM type provide high blocking voltage to overcome voltage surge
and sag in the toughest power system with the best combination of fast
switching,ruggedized design and cost-effectiveness.


Similar Part No. - AP03N70I-A-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP03N70I-A-HF A-POWER-AP03N70I-A-HF Datasheet
65Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP03N70I-A-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP2301AGN-HF A-POWER-AP2301AGN-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP95T10AGR-HF A-POWER-AP95T10AGR-HF_14 Datasheet
53Kb / 4P
   Simple Drive Requirement
AP95T11GI-HF A-POWER-AP95T11GI-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP98T03GW-HF A-POWER-AP98T03GW-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP99LT06GI-HF A-POWER-AP99LT06GI-HF_14 Datasheet
56Kb / 4P
   Simple Drive Requirement
AP99LT06GP-HF A-POWER-AP99LT06GP-HF_14 Datasheet
57Kb / 4P
   Simple Drive Requirement
AP0704GMT-HF A-POWER-AP0704GMT-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP0904GJB-HF A-POWER-AP0904GJB-HF_14 Datasheet
63Kb / 4P
   Simple Drive Requirement
AP2301GN-HF A-POWER-AP2301GN-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP2303GN-HF A-POWER-AP2303GN-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com