Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDL7910P Datasheet(PDF) 4 Page - NEC

Part # NDL7910P
Description  1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7910P Datasheet(HTML) 4 Page - NEC

  NDL7910P Datasheet HTML 1Page - NEC NDL7910P Datasheet HTML 2Page - NEC NDL7910P Datasheet HTML 3Page - NEC NDL7910P Datasheet HTML 4Page - NEC NDL7910P Datasheet HTML 5Page - NEC NDL7910P Datasheet HTML 6Page - NEC NDL7910P Datasheet HTML 7Page - NEC NDL7910P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NDL7701P Series
DFB-LD FAMILY FOR TELECOM
Absolute Maximum Ratings
Typical Characteristics
Part Number
TC
(
°C)
Tstg
(
°C)
Ith
(mA)
Pf
(mW)
λp
(nm)
SDH Application
Package
TYP.
MIN.
TYP.
NDL7603P Series
−40 to +85
−40 to +85
15
2
1 310
≤ STM-4 : 622 Mb/s
Coaxial
NDL7620P Series
0 to +70
−40 to +85
45 (MAX.)
2
1 310
≤ STM-16: 2.5 Gb/s
Coaxial
NDL7701P Series
−20 to +85
−40 to +85
15
2
1 550
≤ STM-4 : 622 Mb/s
Coaxial
NDL7705P Series
−40 to +85
−40 to +85
15
2
1 550
≤ STM-4 : 622 Mb/s
Coaxial
NX8562LB
−20 to +65
−40 to +85
20
20
1 550
*1
CW Light Source for
external modulator
BFY
NX8563LB Series
−20 to +65
−40 to +85
20
10
ITU-T
*2
CW Light Source for
external modulator
BFY
NDL7910P
−20 to +70
−40 to +85
7
0.5
1 550
*1
≤ STM-16: 2.5 Gb/s
EA modulator
integrated DFB-LD
BFY
*1 Wavelength selectable for ITU-T standards upon request.
*2 Wavelength selectable for ITU-T standards.


Similar Part No. - NDL7910P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7910P NEC-NDL7910P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
NDL7910P NEC-NDL7910P Datasheet
61Kb / 8P
   1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NDL7910P NEC-NDL7910P Datasheet
65Kb / 12P
   InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
More results

Similar Description - NDL7910P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
   1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
97Kb / 12P
   1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
NEC
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
   1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
NEC
NDL7603P NEC-NDL7603P Datasheet
74Kb / 8P
   1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
   1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
   1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com