Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0104 Datasheet(PDF) 5 Page - Supertex, Inc

Part # TN0104
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN0104 Datasheet(HTML) 5 Page - Supertex, Inc

  TN0104 Datasheet HTML 1Page - Supertex, Inc TN0104 Datasheet HTML 2Page - Supertex, Inc TN0104 Datasheet HTML 3Page - Supertex, Inc TN0104 Datasheet HTML 4Page - Supertex, Inc TN0104 Datasheet HTML 5Page - Supertex, Inc TN0104 Datasheet HTML 6Page - Supertex, Inc TN0104 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TN0104
Supertex inc.
www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
Q
G (nanocoulombs)
V
(th) and RDS Variation with Temperature
On-Resistance vs. Drain Current
I
D (amperes)
BV
DSS Variation with Temperature
T
j (
O
C)
Transfer Characteristics
V
GS (volts)
Capacitance vs. Drain-to-Source Voltage
100
75
50
25
0
V
DS (volts)
0
10
20
30
40
0
2
4
6
8
10
3.0
2.4
1.8
1.2
0.6
0
-50
0
50
100
150
1.3
1.2
1.1
1.0
0.9
0.8
10
8
6
4
2
0 0
1
2
1.4
1.2
1.0
0.8
0.6
0.4
1.4
1.2
1.0
0.8
0.6
0.4
10
8
6
4
2
0
0.50
0.65
0.80
0.95
1.10
1.25
-50
0
50
100
150
55pF
V
GS = 5.0V
T
A = -55
O
C
f = 1MHz
C
ISS
C
OSS
C
RSS
40V
25OC
125OC
50pF
V
(th) @ 0.5mA
R
DS(ON) @ 5.0V, 0.25A
V
GS = 10V
T
j (
O
C)
V
DS = 25V
V
DS = 10V


Similar Part No. - TN0104

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN0104 SUTEX-TN0104 Datasheet
45Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0104N3 SUTEX-TN0104N3 Datasheet
45Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0104N8 SUTEX-TN0104N8 Datasheet
45Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN0104ND SUTEX-TN0104ND Datasheet
45Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TN0104

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com