Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC162835 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74ALVC162835
Description  18-bit Universal Bus Driver with 3-state Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVC162835 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74ALVC162835 Datasheet HTML 1Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVC162835 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HD74ALVC162835
18-bit Universal Bus Driver with 3-state Outputs
ADE-205-201E (Z)
Preliminary
6th. Edition
January 1999
Description
The HD74ALVC162835 is an 18-bit universal bus driver designed for 2.3 V to 3.6 V V
CC operation.
Data flow from A to Y is controlled by the output enable (
OE). The device operates in the transparent mode
when the latch enable (LE) is high. When LE is low, the A data is latched if the clock (CLK) input is held
at a high or low logic level. If the LE is low, the A data is stored in the latch/flip flop on the low to high
transition of CLK. When
OE is high, the outputs are in the high impedance state.
To ensure the high impedance state during power up or power down,
OE should be tied to V
CC through a
pullup registor; the minimum value of the registor is determined by the current sinking capability of the
driver.
All outputs, which are designed to sink up to 12 mA, include 26
Ω resistors to reduce overshoot and
undershoot.
Features
• Meets “PC SDRAM registered DIMM design support document, Rev. 1.2”
• V
CC = 2.3 V to 3.6 V
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±12 mA (@V
CC = 3.0 V)
• All outputs have equivalent 26 Ω series resistors, so no external resistors are required


Similar Part No. - HD74ALVC162835

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
More results

Similar Description - HD74ALVC162835

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com