Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN2410 Datasheet(PDF) 2 Page - Supertex, Inc

Part # VN2410
Description  N-Channel Enhancement-Mode Vertical DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN2410 Datasheet(HTML) 2 Page - Supertex, Inc

  VN2410 Datasheet HTML 1Page - Supertex, Inc VN2410 Datasheet HTML 2Page - Supertex, Inc VN2410 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
VN2410
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Electrical Characteristics (T
A = 25
O
C unless otherwise specified)
Sym
Parameter
Min
Typ
Max
Units Conditions
Notes:
† I
D (continuous) is limited by max rated Tj .
Thermal Characteristics
Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
GEN
0V
0V
t
f
BV
DSS
Drain-to-source breakdown voltage
240
-
-
V
V
GS = 0V, ID = 100µA
V
GS(th)
Gate threshold voltage
0.8
-
2.0
V
V
GS = VDS, ID = 1.0mA
I
GSS
Gate body leakage
-
-
100
nA
V
GS = 20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
10
µA
V
GS = 0V, VDS = 120V
-
-
500
V
GS = 0V, VDS = 120V,
T
A = 125°C
I
D(ON)
On-state drain current
1.0
-
-
A
V
GS = 10V, VDS = 15V
R
DS(ON)
Static drain-to-source on-state resistance
-
-
10
Ω
V
GS = 2.5V, ID = 100mA
-
-
10
V
GS = 10V, ID = 500mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
1.0
1.4
%/OC V
GS = 10V, ID = 500mA
G
FS
Forward transductance
300
-
-
mmho V
DS = 10V, ID = 500mA
C
ISS
Input capacitance
-
-
125
pF
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
-
50
C
RSS
Reverse transfer capacitance
-
-
20
t
r
Rise time
-
-
8.0
ns
V
DD = 60V,
I
D = 400mA,
R
GEN = 25Ω
t
d(ON)
Turn-on delay time
-
-
8.0
t
f
Fall time
-
-
24
t
d(OFF)
Turn-off delay time
-
-
23
V
SD
Diode forward voltage drop
-
1.2
-
V
V
GS = 0V, ISD = 190mA
Notes:
All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
All A.C. parameters sample tested.
1.
2.
Package
I
D
(continuous)
(mA)
I
D
(pulsed)
(A)
Power Dissipation
@T
C = 25
O
C
(W)
θ
jc
(OC/W)
θ
ja
(OC/W)
I
DR
(mA)
I
DRM
(A)
TO-92
190
1.7
1.0
125
170
190
1.7


Similar Part No. - VN2410

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN2410 SUTEX-VN2410 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
VN2410 MICROCHIP-VN2410 Datasheet
780Kb / 12P
   N-Channel Enhancement-Mode Vertical DMOS FET
02/28/20
logo
Motorola, Inc
VN2410L MOTOROLA-VN2410L Datasheet
56Kb / 4P
   TMOS FET Transistor
logo
Supertex, Inc
VN2410L SUTEX-VN2410L Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
VN2410L VISHAY-VN2410L Datasheet
54Kb / 5P
   N-Channel 240-V (D-S) MOSFETs
Rev. F, 16-Jul-01
More results

Similar Description - VN2410

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com