Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP2106N3-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # VP2106N3-G
Description  P-Channel Enhancement-Mode Vertical DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP2106N3-G Datasheet(HTML) 3 Page - Supertex, Inc

  VP2106N3-G Datasheet HTML 1Page - Supertex, Inc VP2106N3-G Datasheet HTML 2Page - Supertex, Inc VP2106N3-G Datasheet HTML 3Page - Supertex, Inc VP2106N3-G Datasheet HTML 4Page - Supertex, Inc VP2106N3-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
VP2106
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Typical Performance Curves
Output Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
Saturation Characteristics
-1.0
-0.8
-0.6
-0.4
-0.2
0
Maximum Rated Safe Operating Area
-0.1
-1.0
-10
-100
-1.0
-0.1
-0.01
-0.001
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
Transconductance vs. Drain Current
Power Dissipation vs. Ambient Temperature
0
25
50
75
100
125
150
1.0
0.5
0
0
-10
-20
-30
-40
-50
0
-2.0
-4.0
-6.0
-8.0
-10
250
200
150
100
50
0
0
-0.2
-0.4
-0.6
-0.8
-10
-7V
-6V
-5V
-4V
-3V
-9V
-7V
-6V
-5V
-4V
-8V
-9V
TO-92
P
D = 1.0W
T
A = 25
O
C
TO-92
V
DS (volts)
V
DS (volts)
V
GS = -10V
I
D (amperes)
T
A (
O
C)
V
DS (volts)
t
P (seconds)
-8V
V
GS = -10V
V
DS = 25V
T
A = -55
O
C
25OC
125OC
TO-92 (DC)
TO-92 (pulsed)
T
A = 25
O
C


Similar Part No. - VP2106N3-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VP2106N3-G MICROCHIP-VP2106N3-G Datasheet
755Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
More results

Similar Description - VP2106N3-G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com