Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAE100-12S3P3 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # HAE100-12S3P3
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE100-12S3P3 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  HAE100-12S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE100-12S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE100-12S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE100-12S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HAE100
1
www.PDUKE.com
2014/04/30
HAE100 SERIES
HALF-BRICK DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 100 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
2250VDC INPUT TO OUTPUT BASIC INSULATION
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
HAE100-12S3P3
9 ~ 18
3.3
25
155
90
75700
HAE100-12S05
9 ~ 18
5
20
150
91
40000
HAE100-12S12
9 ~ 18
12
8.4
180
91
7000
HAE100-12S15
9 ~ 18
15
6.7
180
91
4460
HAE100-12S24
9 ~ 18
24
4.2
90
90
1750
HAE100-12S28
9 ~ 18
28
3.6
100
90
1280
HAE100-12S48
9 ~ 18
48
2.1
100
90
430
HAE100-24S3P3
18 ~ 36
3.3
25
90
91
75700
HAE100-24S05
18 ~ 36
5
20
150
93
40000
HAE100-24S12
18 ~ 36
12
8.4
185
93
7000
HAE100-24S15
18 ~ 36
15
6.7
185
93
4460
HAE100-24S24
18 ~ 36
24
4.2
85
92
1750
HAE100-24S28
18 ~ 36
28
3.6
85
92
1280
HAE100-24S48
18 ~ 36
48
2.1
85
92
430
HAE100-48S3P3
36 ~ 75
3.3
25
80
91
75700
HAE100-48S05
36 ~ 75
5
20
90
93
40000
HAE100-48S12
36 ~ 75
12
8.4
90
93
7000
HAE100-48S15
36 ~ 75
15
6.7
90
93
4460
HAE100-48S24
36 ~ 75
24
4.2
40
92
1750
HAE100-48S28
36 ~ 75
28
3.6
40
92
1280
HAE100-48S48
36 ~ 75
48
2.1
40
92
430
PART NUMBER STRUCTURE
HAE100- 48
S
05 -
P
TH
HS
Series Name
Input
Output
Output
Ctrl and
Through hole
Assembly Option
Voltage
Quantity
Voltage
Pin Options
type
(1)
(VDC)
(VDC)
12:9~18
S:Single 3P3:3.3
:Negative logic,
: Thread
: No Heat-sink
24:18~36
05:5
0.200" pin length TH: No thread Heat-sink type:
48:36~75
12:12
L:Negative logic,
HS: Height H=0.45” vertical fin,
15:15
0.145" pin length
7G-0021A-F
24:24
P:Positive logic,
HS1:Height H=0.24” horizontal fin,
28:28
0.200" pin length
7G-0022A-F
48:48
S:Positive logic,
HS2:Height H=0.24” vertical fin,
0.145"pin length
7G-0023A-F
HS3:Height H=0.45” horizontal fin,
7G-0024A-F
Terminal block type
(2):
T:
Wall mounted
TF: Wall mounted with EMC filter
(3)
TF1: Wall mounted with EMC filter
can be connected to PE
(3)
(1) The module can’t equip Heat-sink with TH option.
(2) Terminal block type only for 0.200” pin length.
(3) EMI filter meet EN55022 Class A.


Similar Part No. - HAE100-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
More results

Similar Description - HAE100-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com