Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAE150-24S05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # HAE150-24S05W
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE150-24S05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  HAE150-24S05W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE150-24S05W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE150-24S05W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE150-24S05W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HAE150W
1
www.PDUKE.com
2014/4/30
HAE150W SERIES
HALF-BRICK DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 182Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
2250VDC INPUT TO OUTPUT BASIC INSULATION
SAFETY MEETS UL60950-1, EN60950-1, IEC60950-1, & EN50155
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
SYNC
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
HAE150-24S3P3W
9 ~ 36
3.3
40
20
88
121000
HAE150-24S05W
9 ~ 36
5
28
25
90
56000
HAE150-24S12W
8.5 ~ 36
12
12
25
90
10000
HAE150-24S15W
8.5 ~ 36
15
9.5
25
91
6300
HAE150-24S24W
8.5 ~ 36
24
6
25
90
2500
HAE150-24S28W
8.5 ~ 36
28
5
25
90
1700
HAE150-24S48W
8.5 ~ 36
48
3
35
90
620
HAE150-48S3P3W
16.5 ~ 75
3.3
40
15
89
121000
HAE150-48S05W
16.5 ~ 75
5
30
15
91
60000
HAE150-48S12W
16.5 ~ 75
12
13
20
91
10800
HAE150-48S15W
16.5 ~ 75
15
10
20
91
6600
HAE150-48S24W
16.5 ~ 75
24
6.5
20
91
2700
HAE150-48S28W
16.5 ~ 75
28
5.5
20
91
1900
HAE150-48S48W
16.5 ~ 75
48
3.2
25
91
660
HAE150-110S3P3W
43 ~ 160
3.3
43
10
88
130000
HAE150-110S05W
43 ~ 160
5
32
10
90
64000
HAE150-110S12W
43 ~ 160
12
15
10
90
12500
HAE150-110S15W
43 ~ 160
15
12
10
90
8000
HAE150-110S24W
43 ~ 160
24
7.5
10
90
3100
HAE150-110S28W
43 ~ 160
28
6.5
10
90
2300
HAE150-110S48W
43 ~ 160
48
3.8
10
90
790
PART NUMBER STRUCTURE
HAE150
- 48
S
05 W -
P
Y
C
TH
HS
Series Name
Input
Output
Output
Input
Ctrl and
SYNC pin
CASE pin Through hole
Assembly Option
Voltage
Quantity
Voltage
Range
Pin Options
Option
Option
type
(1)
(VDC)
(VDC)
24:8.5~36 S:Single 3P3:3.3
4:1
:Negative logic,
:NC
:NC
: Thread
: No Heat-sink
9~36
05:5
0.200" pin length Y:SYNC pin C:CASE pin TH: No thread Heat-sink type:
48:16.5~75
12:12
L:Negative logic,
HS: Height H=0.45” vertical fin,
110:43~160
15:15
0.145" pin length
7G-0021A-F
24:24
P:Positive logic,
HS1: Height H=0.24” horizontal fin,
28:28
0.200" pin length
7G-0022A-F
48:48
S:Positive logic,
HS2: Height H=0.24” vertical fin,
0.145"pin length
7G-0023A-F
HS3: Height H=0.45” horizontal fin,
7G-0024A-F
Terminal block type
(2):
T:
Wall mounted
TF: Wall mounted with EMC filter
(3)
TF1: Wall mounted with EMC filter
can be connected to PE
(3)
(1) The module can’t equip Heat-sink with TH option.
(2)
No Y and C function for terminal block type, and terminal block type only for 0.200” pin length.
(3) EMI filter meet EN55011, EN55022 Class A.


Similar Part No. - HAE150-24S05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150-24S05 P-DUKE-HAE150-24S05 Datasheet
609Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE150-24S05W

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com