Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAE200-24S15W Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # HAE200-24S15W
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE200-24S15W Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  HAE200-24S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE200-24S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE200-24S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE200-24S15W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAE200W
4
www.PDUKE.com
2014/4/30
HEAT-SINK TYPE OPTIONS
Vertical Fin Orientation, Suffix:-HS, -HS2
Horizontal Fin Orientation, Suffix:-HS1, -HS3
HS: Height H=0.45” vertical fin,
7G-0021A-F
HS1: Height H=0.24” horizontal fin,
7G-0022A-F
HS2: Height H=0.24” vertical fin,
7G-0023A-F
HS3: Height H=0.45” horizontal fin,
7G-0024A-F
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
TERMINAL BLOCK TYPE OPTION
Wall mounted, Suffix: -T
Wall mounted with EMC Filter, Suffix: -TF
Wall mounted with EMC Filter, Suffix: -TF1
(Can be connected to PE
)
Terminal block type
-T
-TF
-TF1
Weight
235g (8.29oz)
280g (9.88oz)
287g (10.12oz)
Dimensions
3.35 x 2.40 x 1.27 inch (85.0 x 61.0 x 32.3 mm)
3.35 x 2.40 x 1.47 inch (85.0 x 61.0 x 37.3 mm)
3.35 x 2.40 x 1.53 inch (85.0 x 61.0 x 38.8 mm)
Through hole (W×L)
2.126 x 3.071 inch (54.00 x 78.00 mm), 4-
ψ0.17 inch (ψ4.3mm)
For further information, please contact with P-DUKE.
MECHANICAL DRAWING
HAE200-24S
□□
□□
□□
□□W, HAE200-48S□□
□□
□□
□□W
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
5. Mounting screws should always be used.
6. The screw locked torque:
MAX 5.0kgf-cm/0.49N-m
HAE200-110S
□□
□□
□□
□□W
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
5. Mounting screws should always be used.
6. The screw locked torque:
MAX 3.5kgf-cm/0.34N-m
PIN CONNECTION
PIN
DEFINE
DIAMETER
1
-Vin
0.04 Inch
2
Case (option)
0.04 Inch
3
Ctrl
0.04 Inch
4
+Vin
0.04 Inch
5
-Vout
0.08 Inch
6
-Sense
0.04 Inch
7
Trim
0.04 Inch
8
+Sense
0.04 Inch
9
+Vout
0.08 Inch
10
Sync (option)
0.04 Inch
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the
method shown below.
=
k
2
%
100
R D
(
)
(
)
+
+
=
k
%
%
2
100
%
225
.
1
%
100
V
R
OUT
U


Similar Part No. - HAE200-24S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE200-24S15 P-DUKE-HAE200-24S15 Datasheet
610Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE200-24S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com