Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAE150-48S53 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # HAE150-48S53
Description  HALF-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

HAE150-48S53 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  HAE150-48S53 Datasheet HTML 1Page - Power Mate Technology Co., LTD HAE150-48S53 Datasheet HTML 2Page - Power Mate Technology Co., LTD HAE150-48S53 Datasheet HTML 3Page - Power Mate Technology Co., LTD HAE150-48S53 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HAE150
2
www.PDUKE.com
2014/04/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
3.3 & 5Vout
Others
9
8.5
16.5
33
12
12
24
48
22
22
36
75
VDC
Start up voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
9
18
34
VDC
Shutdown voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
7.3
15.5
31.6
8.1
16.3
32.5
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
75
75
ms
Input surge voltage
1 second, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
30
50
100
Input filter (1)
Pi type
Negative logic
(Standard)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12 VDC
Referred to –Vin pin
Positive logic
(Option)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12 VDC
Short or 0 ~ 1.2VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
1
mA
Remote off input current
3
mA
Sync pin signal (2)
-0.3
5.6
VDC
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.1
+0.1
%
Load regulation
No Load to Full Load
-0.1
+0.1
%
Voltage adjustability
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote sense
% of Vout(nom)
If remote sense is not being used, Sense pins should be connected to
corresponding polarity OUTPUT pins.
10
%
Ripple and noise
Measured by 20MHz bandwidth
With a 1µF/25V X7R MLCC and a 22µF/25V POS-CAP
With a 1µF/25V X7R MLCC and a 22µF/25V POS-CAP
With a 4.7µF/50V X7R MLCC
With a 2.2µF/100V X7R MLCC
3.3Vout, 5Vout
12Vout, 15Vout
24Vout, 28Vout
48Vout, 53Vout
75
100
200
300
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
200
250
µ
s
Over voltage protection
% of Vout(nom); Hiccup mode
115
130
%
Over load protection
% of Iout rated; Hiccup mode
120
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute (Basic insulation)
Input to Output
Input (Output) to Case
2250
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
2500
pF
Switching frequency
225
250
275
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
Case material
Metal
Base material
FR4 PCB
Potting material
Silicone (UL94 V-0)
Weight
105g (3.70oz)
MTBF
MIL-HDBK-217F, Full load
3.818×10
5 hrs


Similar Part No. - HAE150-48S53

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150-48S05W P-DUKE-HAE150-48S05W Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE150-48S12W P-DUKE-HAE150-48S12W Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE150-48S15W P-DUKE-HAE150-48S15W Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE150-48S24W P-DUKE-HAE150-48S24W Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
HAE150-48S28W P-DUKE-HAE150-48S28W Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
More results

Similar Description - HAE150-48S53

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com