Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD15-24D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # LCD15-24D12
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD15-24D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  LCD15-24D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD15-24D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD15-24D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD15-24D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LCD15
1
www.PDUKE.com
2014/04/30
LCD15 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 15Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:1.0 x 1.0 x 0.39 INCH
SIX-SIDED CONTINUOUS SHIELD
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
LCD15-12S3P3
9 ~ 18
3.3
4000
120
84
12000
LCD15-12S05
9 ~ 18
5
3000
90
88
6000
LCD15-12S12
9 ~ 18
12
1300
30
86
1000
LCD15-12S15
9 ~ 18
15
1000
30
88
660
LCD15-12D05
9 ~ 18
±5
±1500
30
85
±3000
LCD15-12D12
9 ~ 18
±12
±625
30
87
±520
LCD15-12D15
9 ~ 18
±15
±500
30
88
±330
LCD15-24S3P3
18 ~ 36
3.3
4000
50
86
12000
LCD15-24S05
18 ~ 36
5
3000
65
88
6000
LCD15-24S12
18 ~ 36
12
1300
20
87
1000
LCD15-24S15
18 ~ 36
15
1000
20
88
660
LCD15-24D05
18 ~ 36
±5
±1500
15
85
±3000
LCD15-24D12
18 ~ 36
±12
±625
15
88
±520
LCD15-24D15
18 ~ 36
±15
±500
25
88
±330
LCD15-48S3P3
36 ~ 75
3.3
4000
25
86
12000
LCD15-48S05
36 ~ 75
5
3000
35
88
6000
LCD15-48S12
36 ~ 75
12
1300
12
88
1000
LCD15-48S15
36 ~ 75
15
1000
12
88
660
LCD15-48D05
36 ~ 75
±5
±1500
12
85
±3000
LCD15-48D12
36 ~ 75
±12
±625
15
89
±520
LCD15-48D15
36 ~ 75
±15
±500
20
88
±330
PART NUMBER STRUCTURE
LCD15 - 48
S
05
-
A
HS
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Option
Assembly Option
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
12:
24:
48:
9~18
18~36
36~75
D: Dual
05:
12:
15:
±5
±12
±15
:
A:
B:
C:
D:
E:
Negative logic remote ON/OFF(Standard)
Positive logic remote ON/OFF
Without Ctrl pin
Negative logic remote ON/OFF without Trim pin
Without Ctrl & Trim pin
Positive logic remote ON/OFF without Trim pin
:
HS:
HC:
No Assembly Option
Heat-sink
Heat-sink & Clamp


Similar Part No. - LCD15-24D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD15-24D12 P-DUKE-LCD15-24D12 Datasheet
329Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
logo
Make-Ps
LCD15-24D12 MAKE-PS-LCD15-24D12 Datasheet
860Kb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
LCD15-24D12W P-DUKE-LCD15-24D12W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-24D12W P-DUKE-LCD15-24D12W Datasheet
442Kb / 4P
   DC-DC CONVERTER
logo
Astrodyne Corporation
LCD15-24D12W ASTRODYNE-LCD15-24D12W Datasheet
602Kb / 4P
   Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
More results

Similar Description - LCD15-24D12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com