Electronic Components Datasheet Search |
|
LCD20-24D12 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD |
|
LCD20-24D12 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD |
3 / 4 page LCD20 3 www.PDUKE.com 2014/04/30 ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating ambient temperature Without derating With derating -40 +60 +60 +101 ℃ Maximum case temperature 105 ℃ Storage temperature range -55 +125 ℃ Thermal impedance Vertical direction by natural convection (20LFM) Without heat-sink With heat-sink 17.6 14.8 ℃/W Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC SPECIFICATIONS Parameter Conditions Level EMI (3) EN55022 Class A, Class B ESD EN61000-4-2 Air ± 8kV and Contact ± 6kV Perf. Criteria A Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient (4) EN61000-4-4 ± 2kV Perf. Criteria A Surge (4) EN61000-4-5 ± 1kV Perf. Criteria A Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A Note: 1. Test by minimum input and constant resistive load. 2. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor between the Trim pin and either +Vout pin or -Vout pin. 3. The standard modules meet EN55022 Class A without external components and meet Class B with external components. For further information, please contact with P-DUKE. 4. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V. CAUTION: This power module is not internally fused. An input line fuse must always be used. CHARACTERISTIC CURVE LCD20-48S05 Derating Curve LCD20-48S05 Derating Curve With Heat-sink LCD20-48S05 Efficiency vs. Input Voltage LCD20-48S05 Efficiency vs. Output Load |
Similar Part No. - LCD20-24D12 |
|
Similar Description - LCD20-24D12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |