Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP06-05S24A Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # MPP06-05S24A
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MPP06-05S24A Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  MPP06-05S24A Datasheet HTML 1Page - Power Mate Technology Co., LTD MPP06-05S24A Datasheet HTML 2Page - Power Mate Technology Co., LTD MPP06-05S24A Datasheet HTML 3Page - Power Mate Technology Co., LTD MPP06-05S24A Datasheet HTML 4Page - Power Mate Technology Co., LTD MPP06-05S24A Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2014/07/25
MPP06
MPP06W
SERIES
DC-DC CONVERTER
2:1 & 4:1 WIDE INPUT RANGE
UP TO 6 WATTS
FEATURES
APPLICATIONS
REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
CLEARANCE AND CREEPAGE DISTANCE :8.0mm/2MOPP
5000VAC INPUT TO OUTPUT 2MOPP ISOLATION
BUILT-IN EMI CLASS A FILTER
2µA PATIENT LEAKAGE CURRENT
ANSI/AAMI ES60601-1, EN60601-1, IEC60601-1, UL60950-1, EN60950-1, & IEC60950-1
SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
MEDICAL EQUIPMENT
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
PV POWER SYSTEM
IGBT GATE DRIVER
5000VAC
ISOLATION
UVP
OCP
SCP
OVP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25ºC otherwise noted
Input Range
Output Voltage
Output Current
@ Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
MPP06-05S3P3A/B
4.5 ~9
3.3
1800
10
81.5
2100
MPP06-05S05A/B
4.5 ~9
5
1200
10
86
1500
MPP06-05S12A/B
4.5 ~9
12
500
15
86
260
MPP06-05S15A/B
4.5 ~9
15
400
15
87.5
210
MPP06-05S24A/B
4.5 ~9
24
250
20
87
75
MPP06-05D05A/B
4.5 ~9
±5
±600
25
84
± 860
MPP06-05D12A/B
4.5 ~9
±12
±250
25
86.5
± 150
MPP06-05D15A/B
4.5 ~9
±15
±200
25
87.5
± 110
MPP06-12S3P3A/B
9 ~ 18
3.3
1800
10
83.5
2100
MPP06-12S05A/B
9 ~ 18
5
1200
10
86
1500
MPP06-12S12A/B
9 ~ 18
12
500
10
89
260
MPP06-12S15A/B
9 ~ 18
15
400
10
88.5
210
MPP06-12S24A/B
9 ~ 18
24
250
10
88.5
75
MPP06-12D05A/B
9 ~ 18
±5
±600
10
85
± 860
MPP06-12D12A/B
9 ~ 18
±12
±250
10
89
± 150
MPP06-12D15A/B
9 ~ 18
±15
±200
10
88
± 110
MPP06-24S3P3A/B
18 ~ 36
3.3
1800
6
83
2100
MPP06-24S05A/B
18 ~ 36
5
1200
6
86.0
1500
MPP06-24S12A/B
18 ~ 36
12
500
6
89
260
MPP06-24S15A/B
18 ~ 36
15
400
6
89
210
MPP06-24S24A/B
18 ~ 36
24
250
6
88.5
75
MPP06-24D05A/B
18 ~ 36
±5
±600
6
85
± 860
MPP06-24D12A/B
18 ~ 36
±12
±250
6
88.5
± 150
MPP06-24D15A/B
18 ~ 36
±15
±200
6
88.5
± 110
MPP06-48S3P3A/B
36 ~ 75
3.3
1800
4
82.5
2100
MPP06-48S05A/B
36 ~ 75
5
1200
4
86.5
1500
MPP06-48S12A/B
36 ~ 75
12
500
4
88
260
MPP06-48S15A/B
36 ~ 75
15
400
4
88.5
210
MPP06-48S24A/B
36 ~ 75
24
250
4
88
75
MPP06-48D05A/B
36 ~ 75
±5
±600
4
85
± 860
MPP06-48D12A/B
36 ~ 75
±12
±250
4
88
± 150
MPP06-48D15A/B
36 ~ 75
±15
±200
4
87
± 110


Similar Part No. - MPP06-05S24A

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MPP03-05D05A P-DUKE-MPP03-05D05A Datasheet
479Kb / 5P
   DC-DC CONVERTER
MPP03-05D12A P-DUKE-MPP03-05D12A Datasheet
479Kb / 5P
   DC-DC CONVERTER
MPP03-05D15A P-DUKE-MPP03-05D15A Datasheet
479Kb / 5P
   DC-DC CONVERTER
MPP03-05S05A P-DUKE-MPP03-05S05A Datasheet
479Kb / 5P
   DC-DC CONVERTER
MPP03-05S12A P-DUKE-MPP03-05S12A Datasheet
479Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - MPP06-05S24A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com