Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSR03-12S3P3 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # OSR03-12S3P3
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

OSR03-12S3P3 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  OSR03-12S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD OSR03-12S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD OSR03-12S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD OSR03-12S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OSR03
2
www.PDUKE.com
2014/04/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range(3)
Positive output application
05S2P5 (Vin>Vo+0.5V)
12S3P3 (Vin>Vo+2.0V)
24S05 (Vin>Vo+3.0V)
24S12 (Vin>Vo+3.0V)
05Vin(nom), 0.6 ~ 3.3Vout
12Vin(nom), 0.59 ~ 6.0Vout
24Vin(nom), 3.0 ~ 6.0Vout
24Vin(nom), 5.0 ~ 15Vout
2.5
4.5
10
10
5.5
14
30
30
VDC
Negative output application
12S3P3 (Vin.max=14-|Vo|)
24S05 (Vin.max=30-|Vo|)
24S12 (Vin.max=30-|Vo|)
12Vin(nom), -0.59 ~ -6.0Vout
12Vin(nom), -3.0 ~ -6.0Vout
12Vin(nom), -5.0 ~ -15Vout
4.7
10
10
13
27
25
VDC
Input reflected ripple current
To minimize input reflected ripple. External
π filter is recommended at
the input of the module. See datasheet.
30
mAp-p
Maximum input current
Vin=Vin(min); Io=Io(max)
05S2P5
12S3P3
24S05
24S12
3.0
2.6
2.2
3.0
A
Input filter
Capacitor type
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-2.0
+2.0
%
Line regulation
Vo
≧2.5V
Vo<2.5V
0.2
5
%
mV
Load regulation
0% to 100% of F.L
10% to 90% of F.L
Vo
≧2.5V
Vo<2.5V
Vo
≧2.5V
Vo<2.5V
0.8
20
0.6
15
%
mV
%
mV
Ripple and noise
Positive output application
Measured by 20MHz bandwidth
With a 2.2µF MLCC
With a 2.2µF MLCC
05S2P5
12S3P3
24S05
24S12
30
60
75
150
mVp-p
Negative output application ( In Figure 1)
With a C1=10µF/50V MLCC and a
C2=10µF/25V MLCC
12S3P3
24S05
24S12
60
75
150
mVp-p
Temperature coefficient
-1
+1
%/
Dynamic load response
50% load step change
Peak deviation Others
Peak deviation 24S12
Recovery time
150
250
120
mV
mV
µ
s
Over load protection
% of Iout rated; Hiccup mode
05S2P5
12S3P3
;24S05;24S12
280
220
%
Short circuit protection
Continuous, automatics recovery
Output voltage overshoot-startup
1
%
Voltage adjustability(1)
(See Figure 2)
05S2P5
12S3P3
24S05
24S12
0.6
0.59
3
5
3.3
6
6
15
VDC
FEATURE SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Rise time
Time for Vo to rise from 10% to 90% Vo
05S2P5
;12S3P3
24S05
;24S12
6
10
ms
Remote on/off
The ON/OFF control pin voltage is
referenced to GND
(Positive logic)
05S2P5
Others
ON = Open or Vin(max)
OFF=0V < Vr < 0.3V
ON = 1V < Vr < 12V
OFF=0V < Vr < 0.3V


Similar Part No. - OSR03-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
OSR03 P-DUKE-OSR03 Datasheet
496Kb / 4P
   2.5VDC~30VDC WIDE INPUT RANGE UP TO 45Watts
More results

Similar Description - OSR03-12S3P3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com