Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOP03-12S24A Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # MOP03-12S24A
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MOP03-12S24A Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  MOP03-12S24A Datasheet HTML 1Page - Power Mate Technology Co., LTD MOP03-12S24A Datasheet HTML 2Page - Power Mate Technology Co., LTD MOP03-12S24A Datasheet HTML 3Page - Power Mate Technology Co., LTD MOP03-12S24A Datasheet HTML 4Page - Power Mate Technology Co., LTD MOP03-12S24A Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2014/07/25
MOP03
MOP03W
SERIES
DC-DC CONVERTER
2:1 & 4:1 WIDE INPUT RANGE
UP TO 3.3 WATTS
FEATURES
APPLICATIONS
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
CLEARANCE AND CREEPAGE DISTANCE : 6.6mm/2MOOP
3000VAC INPUT TO OUTPUT 2MOOP ISOLATION
BUILT-IN EMI CLASS A FILTER
2µA PATIENT LEAKAGE CURRENT
ANSI/AAMI ES60601-1, EN60601-1, IEC60601-1, UL60950-1, EN60950-1, & IEC60950-1
SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
MEDICAL EQUIPMENT
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
PV POWER SYSTEM
IGBT GATE DRIVER
3000VAC
ISOLATION
UVP
OCP
SCP
OVP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25ºC otherwise noted
Input Range
Output Voltage
Output Current
@ Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
MOP03-05S3P3A/B
4.5 ~9
3.3
1000
10
81
1050
MOP03-05S05A/B
4.5 ~9
5
600
10
84.5
750
MOP03-05S12A/B
4.5 ~9
12
250
15
85.5
130
MOP03-05S15A/B
4.5 ~9
15
200
15
87.5
100
MOP03-05S24A/B
4.5 ~9
24
125
20
85.5
39
MOP03-05D05A/B
4.5 ~9
±5
±300
25
83
± 430
MOP03-05D12A/B
4.5 ~9
±12
±125
25
86
± 75
MOP03-05D15A/B
4.5 ~9
±15
±100
25
86
± 56
MOP03-12S3P3A/B
9 ~ 18
3.3
1000
10
82
1050
MOP03-12S05A/B
9 ~ 18
5
600
10
84.5
750
MOP03-12S12A/B
9 ~ 18
12
250
10
87
130
MOP03-12S15A/B
9 ~ 18
15
200
10
87
100
MOP03-12S24A/B
9 ~ 18
24
125
10
87
39
MOP03-12D05A/B
9 ~ 18
±5
±300
10
83.5
± 430
MOP03-12D12A/B
9 ~ 18
±12
±125
10
87.5
± 75
MOP03-12D15A/B
9 ~ 18
±15
±100
10
86.5
± 56
MOP03-24S3P3A/B
18 ~ 36
3.3
1000
6
82
1050
MOP03-24S05A/B
18 ~ 36
5
600
6
84.5
750
MOP03-24S12A/B
18 ~ 36
12
250
6
87
130
MOP03-24S15A/B
18 ~ 36
15
200
6
87
100
MOP03-24S24A/B
18 ~ 36
24
125
6
87
39
MOP03-24D05A/B
18 ~ 36
±5
±300
6
83
± 430
MOP03-24D12A/B
18 ~ 36
±12
±125
6
87
± 75
MOP03-24D15A/B
18 ~ 36
±15
±100
6
86
± 56
MOP03-48S3P3A/B
36 ~ 75
3.3
1000
4
81
1050
MOP03-48S05A/B
36 ~ 75
5
600
4
84
750
MOP03-48S12A/B
36 ~ 75
12
250
4
87
130
MOP03-48S15A/B
36 ~ 75
15
200
4
86.5
100
MOP03-48S24A/B
36 ~ 75
24
125
4
86.5
39
MOP03-48D05A/B
36 ~ 75
±5
±300
4
83
± 430
MOP03-48D12A/B
36 ~ 75
±12
±125
4
86
± 75
MOP03-48D15A/B
36 ~ 75
±15
±100
4
86
± 56


Similar Part No. - MOP03-12S24A

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP03-12S24AB RSG-MOP03-12S24AB Datasheet
193Kb / 4P
   REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
More results

Similar Description - MOP03-12S24A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com