Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOP06-12D12A Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # MOP06-12D12A
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MOP06-12D12A Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  MOP06-12D12A Datasheet HTML 1Page - Power Mate Technology Co., LTD MOP06-12D12A Datasheet HTML 2Page - Power Mate Technology Co., LTD MOP06-12D12A Datasheet HTML 3Page - Power Mate Technology Co., LTD MOP06-12D12A Datasheet HTML 4Page - Power Mate Technology Co., LTD MOP06-12D12A Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.PDUKE.com
2014/07/25
Clearance/Creepage
6.6
mm
Safety approvals
ANSI/AAMI ES60601-1
EN60601-1
IEC60601-1
UL60950-1
EN60950-1
IEC60950-1
Case material
Non-conductive black plastic
Base material
Non-conductive black plastic
Potting material
Silicone (UL94 V-0)
Weight
14g (0.48oz)
MTBF
MIL-HDBK-217F, Full load
4.718 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Without derating
-40
+88
ºC
Operating ambient temperature
With derating
+88
+105
ºC
Storage temperature range
-55
+125
ºC
Thermal impedance
Natural convection (20LFM)
18
ºC/W
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (1)
EN55011,EN55022 and FCC Part 18
Class A, Class B
ESD
EN61000-4-2
Air ± 8kV
Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
The MOP06 (W) series can meet EMI Class A with no external filter. And Class B only with external components.
For further information, please contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The MOP06-05
recommended an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 1000µF/25V).
And a reverse diode (Vishay V10P45) to connect in parallel.
The MOP06-12&24
recommended an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 470µF/50V).
The MOP06-48
recommended an aluminum electrolytic capacitor (Nippon Chemi-con KY series, 330µF/100V).
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
MOP06-48S05WA Derating Curve
MOP06-48S05WA Efficiency vs. Input Voltage
MOP06-48S05WA Efficiency vs. Output Load
MECHANICAL DRAWING
A TYPE


Similar Part No. - MOP06-12D12A

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
MOP06-12D12AB RSG-MOP06-12D12AB Datasheet
194Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - MOP06-12D12A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com