Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAE100-24S24 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # QAE100-24S24
Description  QUARTER-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QAE100-24S24 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  QAE100-24S24 Datasheet HTML 1Page - Power Mate Technology Co., LTD QAE100-24S24 Datasheet HTML 2Page - Power Mate Technology Co., LTD QAE100-24S24 Datasheet HTML 3Page - Power Mate Technology Co., LTD QAE100-24S24 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QAE100
1
www.PDUKE.com
2014/10/03
QAE100 SERIES
QUARTER-BRICK DC-DC CONVERTER
2:1 ULTRA WIDE INPUT RANGE
UP TO 108Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
LOW STANDBY POWER CONSUMPTION
2250VDC INPUT TO OUTPUT BASIC INSULATION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µF
QAE100-12S3P3
8.5 ~ 22
3.3
25
50
89
75000
QAE100-12S05
8.5 ~ 22
5
18
50
90
36000
QAE100-12S12
8.5 ~ 22
12
7.5
50
91
6250
QAE100-12S15
8.5 ~ 22
15
6
50
91
4000
QAE100-12S24
8.5 ~ 22
24
3.7
50
90
1540
QAE100-12S30
8.5 ~ 22
30
3
50
90
1000
QAE100-12S48
8.5 ~ 22
48
1.8
50
89
380
QAE100-24S3P3
16.5 ~ 36
3.3
25
25
89
75000
QAE100-24S05
16.5 ~ 36
5
18
25
90
36000
QAE100-24S12
16.5 ~ 36
12
7.5
25
91
6250
QAE100-24S15
16.5 ~ 36
15
6
25
91
4000
QAE100-24S24
16.5 ~ 36
24
3.7
25
92
1540
QAE100-24S30
16.5 ~ 36
30
3
25
91
1000
QAE100-24S48
16.5 ~ 36
48
1.8
25
89
380
QAE100-48S3P3
33 ~ 75
3.3
25
15
89
75000
QAE100-48S05
33 ~ 75
5
21
15
91
42000
QAE100-48S12
33 ~ 75
12
9
15
90
7500
QAE100-48S15
33 ~ 75
15
7
15
91
4600
QAE100-48S24
33 ~ 75
24
4.5
15
93
1870
QAE100-48S30
33 ~ 75
30
3.5
15
92
1160
QAE100-48S48
33 ~ 75
48
2.2
15
91
460
PART NUMBER STRUCTURE
QAE100 -
48
S
05
-
P
HS
Series Name
Input
Output
Output
Ctrl and
Heat-sink
Voltage
Quantity
Voltage
Pin Options
and Mounting Hole Tread Options
(VDC)
(VDC)
12:8.5~22
S:Single
3P3:3.3
:Negative logic
:NC
24:16.5~36
05:5
P:Positive logic
HS:H=0.24” Horizontal, 7G-0029A-F
48:33~75
12:12
HS1:H=0.5” Horizontal, 7G-0030A-F
15:15
HS2:H=0.24” Vertical, 7G-0031A-F
24:24
HS3:H=0.5” Vertical, 7G-0032A-F
30:30
TH:Through hole (No thread)
(1)
48:48
(1) The module can’t equip Heat-sink with TH option.


Similar Part No. - QAE100-24S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QAE100-24S24W P-DUKE-QAE100-24S24W Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results

Similar Description - QAE100-24S24

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com