Electronic Components Datasheet Search |
|
PDS02-48S09 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD |
|
PDS02-48S09 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD |
2 / 4 page PDS02 PDH02 2 www.PDUKE.com 2014/04/30 PART NUMBER STRUCTURE PDS02 - 48 S 05 H Series Name Input Output Output Isolation Voltage Quantity Voltage Option (VDC) (VDC) PDS: SMD type 05: 4.5~9 S:Single 3P3: 3.3 : Standard type PDH: DIP type 12:9~18 05: 5 1600VDC isolation 24:18~36 09: 9 H: 3000VDC isolation 48:36~75 12:12 15:15 D: Dual 05: ± 5 12: ±12 15: ±15 INPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating input voltage range 05Vin(nom) 12Vin(nom) 24Vin(nom) 48Vin(nom) 4.5 9 18 36 5 12 24 48 9 18 36 75 VDC Start up time Constant resistive load Power up Remote ON/OFF 5 5 ms Input surge voltage 1 second, max. 05Vin(nom) 12Vin(nom) 24Vin(nom) 48Vin(nom) 15 25 50 100 VDC Input reflected ripple current 05Vin(nom) 12Vin(nom) 24Vin(nom) 48Vin(nom) 80 40 30 20 mAp-p Input filter Capacitor type DC-DC ON Open or high impedance Remote ON/OFF Ctrl pin applied current via 1k DC-DC OFF 2 3 4 mA Remote off input current 2.5 mA Application circuit DC-DC ON DC-DC OFF OUTPUT SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Voltage accuracy -1.0 +1.0 % Line regulation Low Line to High Line at Full Load -0.2 +0.2 % Single -1.0 +1.0 No Load to Full Load Dual -1.0 +1.0 % 10% Load to 100% Full Load Single -0.5 +0.5 Load regulation Dual -0.8 +0.8 % Cross regulation Asymmetrical load 25%/100% FL Dual -5.0 +5.0 % Ripple and noise 20MHz bandwidth 30 mVp-p Temperature coefficient -0.02 +0.02 %/ ℃ Transient response recovery time 25% load step change 250 µ s Short circuit protection Continuous, automatics recovery |
Similar Part No. - PDS02-48S09 |
|
Similar Description - PDS02-48S09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |