Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70507-C-50 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70507-C-50
Description  8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

70507-C-50 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70507-C-50 Datasheet HTML 1Page - Molex Electronics Ltd. 70507-C-50 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38700-7507
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
8.26mm Pitch Beau™ PCB Terminal Strip, without Mounting Ends, 7 Circuits, with
Screw Clamp Washer
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
38700
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756317656
Physical
Circuits (Loaded)
7
Circuits (maximum)
7
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.56mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface
8.26mm
Pitch - Termination Interface
8.26mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Termination Interface: Style
Through Hole
Wire Size AWG
12, 14, 16, 18, 20, 22
Wire Size mm²
0.50 - 2.50
Electrical
Current - Maximum per Contact
20A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
70507-C-50
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38700Series
Mates With
N/A


Similar Part No. - 70507-C-50

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70507-C-50 MOLEX5-70507-C-50 Datasheet
300Kb / 4P
   8.26mm (.325") Pitch Beau??PCB Terminal Strip, without Mounting Ends, 7 Circuits
More results

Similar Description - 70507-C-50

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38700-7317 MOLEX11-38700-7317 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7302 MOLEX11-38700-7302 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7322 MOLEX11-38700-7322 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7316 MOLEX11-38700-7316 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7303 MOLEX11-38700-7303 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7305 MOLEX11-38700-7305 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7308 MOLEX11-38700-7308 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7314 MOLEX11-38700-7314 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7304 MOLEX11-38700-7304 Datasheet
41Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7312 MOLEX11-38700-7312 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
38700-7318 MOLEX11-38700-7318 Datasheet
40Kb / 2P
   8.26mm Pitch Beau PCB Terminal Strip, with Mounting Ends
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com