Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV507PG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV507PG-G
Description  64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV507PG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV507PG-G Datasheet HTML 1Page - Supertex, Inc HV507PG-G Datasheet HTML 2Page - Supertex, Inc HV507PG-G Datasheet HTML 3Page - Supertex, Inc HV507PG-G Datasheet HTML 4Page - Supertex, Inc HV507PG-G Datasheet HTML 5Page - Supertex, Inc HV507PG-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2010 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
6
HV507
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV507
A062110
80-Lead PQFP Package Outline (PG)
20.00x14.00mm body, 3.40mm height (max), 0.80mm pitch, 3.90mm footprint
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
θ1
Dimen-
sion
(mm)
MIN 2.80* 0.25 2.55 0.30 23.65* 19.80* 17.65* 13.80*
0.80
BSC
0.73
1.95
REF
0.25
BSC
0O
5O
NOM
-
-
2.80
-
23.90
20.00
17.90
14.00
0.88
3.5O
-
MAX 3.40 0.50* 3.05 0.45 24.15* 20.20* 18.15* 14.20*
1.03
7O
16O
JEDEC Registration MO-112, Variation CB-1, Issue B, Sept.1995.
* This dimension is not specified in the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-80PQFPPG, Version C041309.
1
80
Seating
Plane
Gauge
Plane
θ
L
L1
L2
View B
View B
θ1
b
e
Side View
A2
A
A1
E
E1
D
D1
Seating
Plane
Top View
Note 1
(Index Area
D1/4 x E1/4)
Note:
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
1.


Similar Part No. - HV507PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV507PG SUTEX-HV507PG Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
More results

Similar Description - HV507PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV3137 SUTEX-HV3137 Datasheet
447Kb / 5P
   64-Channel Serial To Parallel Converter With Open Drain Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57708 SUTEX-HV57708_13 Datasheet
750Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV4937 SUTEX-HV4937 Datasheet
34Kb / 5P
   64-Channel Serial To Parallel Converter With P-Channel Open Drain Outputs
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Microchip Technology
HV5122 MICROCHIP-HV5122 Datasheet
349Kb / 15P
   32-Channel, Serial-to-Parallel Converter
07/14/15
HV5308 MICROCHIP-HV5308 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
   32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com