Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAE150 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # QAE150
Description  QUARTER-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QAE150 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  QAE150_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD QAE150_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD QAE150_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD QAE150_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.PDUKE.com
2014/10/03
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
5. The screw locked torque:
MAX 3.5kgf-cm (0.34N-m)
PIN CONNECTION
PIN
DEFINE
DIAMETER
1
- Vin
0.04 Inch
2
Ctrl
0.04 Inch
3
+ Vin
0.04 Inch
4
- Vout
0.06 Inch
5
- Sense
0.04 Inch
6
Trim
0.04 Inch
7
+ Sense
0.04 Inch
8
+ Vout
0.06 Inch
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the
method shown below.
HEAT-SINK TYPE OPTIONS
7G-0029A-F
7G-0030A-F
7G-0031A-F
7G-0032A-F
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
k
22
.
10
%
511
R
D
=
(
) (
)
k
%
%
22
.
10
511
%
225
.
1
%
100
V
11
.
5
R
OUT
U
+
+
=


Similar Part No. - QAE150_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QAE150-110S05W P-DUKE-QAE150-110S05W Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-110S12W P-DUKE-QAE150-110S12W Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-110S15W P-DUKE-QAE150-110S15W Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-110S24W P-DUKE-QAE150-110S24W Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-110S30W P-DUKE-QAE150-110S30W Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results

Similar Description - QAE150_14

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com