Electronic Components Datasheet Search |
|
QAE150W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD |
|
QAE150W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD |
3 / 4 page QAE150W 3 www.PDUKE.com VER: 08 2014/10/03 ENVIRONMENTAL SPECIFICATIONS Parameter Conditions Min. Typ. Max. Unit Operating base-plate temperature -40 +100 Over temperature protection +110 Storage temperature range -55 +125 Thermal impedance (2) Vertical direction by natural convection (20LFM) Without Heat-sink Mount on 2U iron base-plate With 0.24" Height Heat-sink With 0.5" Height Heat-sink 9 2.8 7.1 5.5 /W Thermal shock MIL-STD-810F Shock EN61373, MIL-STD-810F Vibration EN61373, MIL-STD-810F Relative humidity 5% to 95% RH EMC SPECIFICATIONS Parameter Conditions Level EMI (3) EN55011, EN55022 Class A Class B ESD EN61000-4-2 Air ± 8kV Contact ± 6kV Perf. Criteria A Radiated immunity EN61000-4-3 20 V/m Perf. Criteria A Fast transient (4) EN61000-4-4 ± 2kV Perf. Criteria A Surge (4) EN61000-4-5 EN55024:±2kV EN50155:±2kV Perf. Criteria A Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A Note: 1. Input source impedance: The power modules will operate as specifications without external components, assuming that the source voltage has a very low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module. Since real-world voltage source has finite impedance, performance can be improved by adding external filter capacitor. The QAE150-24SXXW and QAE150-48SXXW recommended Nippon Chemi-con KY series, 100µF/100V. The QAE150-110SXXW recommended Ruby-con BXF series, 39µF/200V. 2. The heat-sink is optional and P/N: 7G-0029A-F , 7G-0030A-F , 7G-0031A-F , 7G-0032A-F. Please refer to heat-sink selection guide. 3. The standard modules meet EMI Class A or Class B with external components. For further information, please contact with P-DUKE. 4. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The QAE150-24SXXW and QAE150-48SXXW recommended 2 pcs of aluminum electrolytic capacitor (Nippon chemi-con KY series, 220µF/100V) to connect in parallel. The QAE150-110SXXW recommended 3 pcs of aluminum electrolytic capacitor (Ruby-con BXF series, 100µF/250V) to connect in parallel. 5. BASE-PLATE GROUNDING: When connect two screw bolts to shield plane, the EMI could be reduced. CAUTION: This power module is not internally fused. An input line fuse must always be used. CHARACTERISTIC CURVE QAE150-24S05W Derating Curve QAE150-24S05W Derating Curve With 0.24” Height Heat-sink QAE150-24S05W Derating Curve With 0.5” Height Heat-sink QAE150-24S05W Efficiency vs. Input Voltage QAE150-24S05W Efficiency vs. Output Load |
Similar Part No. - QAE150W_14 |
|
Similar Description - QAE150W_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |