Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE4210M01-T1 Datasheet(PDF) 7 Page - NEC

Part # NE4210M01-T1
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE4210M01-T1 Datasheet(HTML) 7 Page - NEC

Back Button NE4210M01-T1 Datasheet HTML 3Page - NEC NE4210M01-T1 Datasheet HTML 4Page - NEC NE4210M01-T1 Datasheet HTML 5Page - NEC NE4210M01-T1 Datasheet HTML 6Page - NEC NE4210M01-T1 Datasheet HTML 7Page - NEC NE4210M01-T1 Datasheet HTML 8Page - NEC NE4210M01-T1 Datasheet HTML 9Page - NEC NE4210M01-T1 Datasheet HTML 10Page - NEC NE4210M01-T1 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Data Shee
7
NE4210M01
AMP. PARAMETERS
VDS = 2 V, ID = 10 mA
FREQUENCY
GUmax
GAmax
|S21|
2
|S12|
2
K
Delay
Mason’s U
G1
G2
MHz
dBdB
dBdB
ns
dB
dBdB
500
33.06
13.09
−39.20
.08
.056
17.52
2.46
1000
33.41
13.10
−33.38
.08
.056
17.91
2.40
1500
33.04
13.11
−30.02
.05
.058
17.57
2.36
2000
24.87
12.95
−27.78
.27
.071
29.694
9.91
2.02
2500
23.16
12.85
−26.03
.31
.060
30.116
8.43
1.88
3000
21.30
12.71
−24.80
.39
.061
26.913
6.93
1.67
3500
19.84
12.50
−23.86
.46
.057
26.284
5.82
1.53
4000
18.70
12.26
−23.15
.52
.055
24.591
5.04
1.40
4500
17.73
12.03
−22.64
.59
.052
23.052
4.41
1.29
5000
16.98
11.88
−22.20
.64
.051
22.477
3.89
1.21
5500
16.28
11.77
−21.70
.70
.051
21.636
3.42
1.10
6000
15.40
11.70
−21.36
.82
.038
19.846
2.68
1.02
6500
15.07
11.70
−20.80
.81
.059
20.495
2.55
.82
7000
14.59
11.63
−20.51
.84
.058
20.840
2.30
.65
7500
14.29
11.67
−20.09
.86
.063
21.341
2.06
.56
8000
13.80
11.54
−19.83
.90
.062
20.755
1.81
.45
8500
13.26
11.35
−19.72
.96
.061
19.703
1.59
.33
9000
12.81
14.49
11.13
−19.77
1.02
.060
19.158
1.43
.25
9500
12.39
13.55
10.91
−19.75
1.08
.062
18.458
1.29
.19
10000
11.94
12.77
10.65
−19.73
1.16
.062
17.507
1.16
.13
10500
11.53
12.18
10.29
−19.76
1.22
.059
16.739
1.15
.09
11000
11.30
11.92
10.04
−19.94
1.26
.057
16.388
1.18
.09
11500
11.44
12.24
9.85
−19.96
1.19
.060
17.722
1.47
.12
12000
11.56
12.49
9.79
−19.83
1.15
.057
18.798
1.65
.13
12500
11.74
12.86
9.53
−19.96
1.10
.076
20.502
2.08
.13
13000
10.90
11.29
8.77
−20.34
1.30
.066
16.279
1.98
.15
13500
10.29
10.44
8.08
−20.92
1.47
.062
14.380
1.95
.26
14000
10.02
10.15
7.46
−21.39
1.52
.061
13.882
2.16
.41
14500
9.78
9.97
6.88
−21.24
1.48
.060
13.926
2.36
.54
15000
9.37
9.60
6.17
−21.43
1.50
.056
13.389
2.55
.65
15500
9.14
9.43
5.70
−21.90
1.55
.053
13.022
2.73
.72
16000
9.15
9.57
5.14
−22.40
1.50
.065
13.301
3.09
.91
16500
8.86
9.44
4.35
−22.09
1.40
.059
13.591
3.43
1.09
17000
8.85
9.67
3.72
−22.44
1.32
.062
14.276
3.82
1.30
17500
8.54
9.84
2.75
−22.19
1.19
.069
15.550
4.22
1.58
18000
7.78
8.72
1.42
−23.28
1.37
.058
12.630
4.58
1.78


Similar Part No. - NE4210M01-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE4210M01-T1 RENESAS-NE4210M01-T1 Datasheet
193Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - NE4210M01-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com