Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEB75-24S05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # QEB75-24S05
Description  75 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QEB75-24S05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  QEB75-24S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD QEB75-24S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD QEB75-24S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
QEB75 SERIES
75 WATTS
DC-DC CONVERTER
QEB75-48S05 Derating Curve
QEB75-48S05 Derating Curve
With Heat-sink 7G-0029(Note 7)
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE,TA(
℃)
Natural Convection
100LFM
200LFM
300LFM
400LFM
500LFM
QEB75-48S05 Efficiency VS Voltage
QEB75-48S05 Efficiency VS Output Load
87
88
89
90
91
92
93
36
40
44
48
52
56
60
64
68
72
75
INPUT VOLTAGE(V)
65
70
75
80
85
90
95
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff(%)
(4)
QEB75-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
20A
100mVp-p
65mA
89
QEB75-24S05
18 ~ 36 VDC
5 VDC
0mA
15A
100mVp-p
110mA
90
QEB75-24S12
18 ~ 36 VDC
12 VDC
0mA
6.25A
100mVp-p
40mA
90
QEB75-24S15
18 ~ 36 VDC
15 VDC
0mA
5A
100mVp-p
50mA
90
QEB75-48S1P8
36 ~ 75 VDC
1.8 VDC
0mA
25A
100mVp-p
60mA
85
QEB75-48S2P5
36 ~ 75 VDC
2.5 VDC
0mA
25A
100mVp-p
50mA
87
QEB75-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
20A
100mVp-p
70mA
90
QEB75-48S05
36 ~ 75 VDC
5 VDC
0mA
15A
100mVp-p
80mA
90
QEB75-48S12
36 ~ 75 VDC
12 VDC
0mA
6.25A
100mVp-p
50mA
90
QEB75-48S15
36 ~ 75 VDC
15 VDC
0mA
5A
100mVp-p
50mA
90
24
34
Note :
1. MIL-HDBK-217F @Tc=70 ºC, Full load.
2. Typical value at nominal input and full load. (20MHZ BW)
3. Typical value at nominal input and no load.
4. Typical value at nominal input and full load.
5. Maximum output deviation is 10% inclusive of trim. If remote sense is not being used, the +SENSE should be connected to its corresponding
+OUTPUT and likewise the -SENSE should be connected to its corresponding –OUTPUT.
6. The positive logic and pin length are optional ( see table ). The CTRL pin voltage is referenced to -INPUT.
7. Heat-sink is optional and P/N
:7G-0029A-F, 7G-0030A-F, 7G-0031A-F, 7G-0032A-F.
8. The QEB75 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
9. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220
μF/100V.
10. BASE-PLATE GROUNDING
:When connect the four screw bolts to shield plane, the EMI could be reduced.
11. The converter is provided by basic insulation.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - QEB75-24S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB75-24S05 P-DUKE-QEB75-24S05 Datasheet
313Kb / 4P
   75 WATTS MAXIMUM OUTPUT POWER
More results

Similar Description - QEB75-24S05

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC75 P-DUKE-HEC75 Datasheet
527Kb / 3P
   75 WATTS DC-DC CONVERTER
QEB75 P-DUKE-QEB75 Datasheet
390Kb / 3P
   75 WATTS DC-DC CONVERTER
HEC75 P-DUKE-HEC75_14 Datasheet
1Mb / 3P
   75 WATTS DC-DC CONVERTER
logo
Wall Industries,Inc.
DCMQ75 WALL-DCMQ75 Datasheet
525Kb / 7P
   75 Watts DC/DC Railway Converter Single Output
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com