Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5408B Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV5408B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408B Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV5408B Datasheet HTML 4Page - Supertex, Inc HV5408B Datasheet HTML 5Page - Supertex, Inc HV5408B Datasheet HTML 6Page - Supertex, Inc HV5408B Datasheet HTML 7Page - Supertex, Inc HV5408B Datasheet HTML 8Page - Supertex, Inc HV5408B Datasheet HTML 9Page - Supertex, Inc HV5408B Datasheet HTML 10Page - Supertex, Inc HV5408B Datasheet HTML 11Page - Supertex, Inc HV5408B Datasheet HTML 12Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
HV5408B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
44-Lead Quad Cerpac Package Outline (DJ)
.650x.650in body, .190in height (max), .050in pitch
.150 MAX
.040 x 45O
1
.075 MAX
6
40
D
D1
E1 E
Top View
View B
A
A2
A1
Seating
Plane
e
b
Note 1
(Index Area)
.035 x 45O
0.25 max
3 Places
.025 MIN
View B
44
b1
Horizontal Side View
Vertical Side View
Symbol
A
A1
A2
b
b1
D
D1
E
E1
e
Dimension
(inches)
MIN
.155
.090
.060
REF
.017
.026
.685
.630
.685
.630
.050
BSC
NOM
.172
.100
.019
.029
.690
.650
.690
.650
MAX
.190
.120
.021
.032
.695
.665
.695
.665
JEDEC Registration MO-087, Variation AB, Issue B, August, 1991.
Drawings not to scale.
Supertex Doc. #: DSPD-44CERPACDJ, Version D090808.
Note:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.


Similar Part No. - HV5408B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408 SUTEX-HV5408 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408 SUTEX-HV5408 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
logo
Microchip Technology
HV5408 MICROCHIP-HV5408 Datasheet
330Kb / 17P
   32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV5408DJ SUTEX-HV5408DJ Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408PG SUTEX-HV5408PG Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV5408B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com