Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAE150-110S48W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # QAE150-110S48W
Description  QUARTER-BRICK DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QAE150-110S48W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  QAE150-110S48W Datasheet HTML 1Page - Power Mate Technology Co., LTD QAE150-110S48W Datasheet HTML 2Page - Power Mate Technology Co., LTD QAE150-110S48W Datasheet HTML 3Page - Power Mate Technology Co., LTD QAE150-110S48W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QAE150W
3
www.PDUKE.com
VER: 08
2014/10/03
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating base-plate temperature
-40
+100
Over temperature protection
+110
Storage temperature range
-55
+125
Thermal impedance (2)
Vertical direction by natural
convection (20LFM)
Without Heat-sink
Mount on 2U iron base-plate
With 0.24" Height Heat-sink
With 0.5" Height Heat-sink
9
2.8
7.1
5.5
/W
Thermal shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (3)
EN55011, EN55022
Class A
Class B
ESD
EN61000-4-2
Air ± 8kV
Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
20 V/m
Perf. Criteria A
Fast transient (4)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (4)
EN61000-4-5
EN55024:±2kV
EN50155:±2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
Input source impedance: The power modules will operate as specifications without external components, assuming that the source voltage has a
very low impedance and reasonable input voltage regulation. Highly inductive source impedances can affect the stability of the power module.
Since real-world voltage source has finite impedance, performance can be improved by adding external filter capacitor.
The QAE150-24SXXW and QAE150-48SXXW recommended Nippon Chemi-con KY series, 100µF/100V.
The QAE150-110SXXW recommended Ruby-con BXF series, 39µF/200V.
2.
The heat-sink is optional and P/N: 7G-0029A-F , 7G-0030A-F , 7G-0031A-F , 7G-0032A-F. Please refer to heat-sink selection guide.
3.
The standard modules meet EMI Class A or Class B with external components. For further information, please contact with P-DUKE.
4.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The QAE150-24SXXW and QAE150-48SXXW recommended 2 pcs of aluminum electrolytic capacitor (Nippon chemi-con KY series,
220µF/100V) to connect in parallel.
The QAE150-110SXXW recommended 3 pcs of aluminum electrolytic capacitor (Ruby-con BXF series, 100µF/250V) to connect in parallel.
5.
BASE-PLATE GROUNDING: When connect two screw bolts to shield plane, the EMI could be reduced.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
QAE150-24S05W Derating Curve
QAE150-24S05W Derating Curve
With 0.24” Height Heat-sink
QAE150-24S05W Derating Curve
With 0.5” Height Heat-sink
QAE150-24S05W Efficiency vs. Input Voltage
QAE150-24S05W Efficiency vs. Output Load


Similar Part No. - QAE150-110S48W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QAE150-12S05 P-DUKE-QAE150-12S05 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-12S12 P-DUKE-QAE150-12S12 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-12S15 P-DUKE-QAE150-12S15 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-12S24 P-DUKE-QAE150-12S24 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
QAE150-12S30 P-DUKE-QAE150-12S30 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results

Similar Description - QAE150-110S48W

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com