Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSR01 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # SSR01
Description  NON- ISOLATION DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SSR01 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  SSR01_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD SSR01_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD SSR01_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
SSR01 SERIES
NON- ISOLATION DC-DC CONVERTER
Positive output
Output
Current
Efficiency (%) (3)
Model Name
Nominal
Input
Input
Voltage
Frequency
Nominal
Output
Output Voltage
Trim Range
Min.
Max.
No Load
Current (2)
Min. Vin
Max. Vin
SSR01-05S2P5
5.0V
3.0 ~ 5.5VDC
410kHz
2.5VDC
1.2 ~ 3.63VDC
6mA
95.5
95.0
SSR01-12S3P3
12V
4.6 ~ 36VDC
300kHz
3.3VDC
1.5 ~ 5.5VDC
1.5mA
87.5
80.0
SSR01-12S05
12V
6.5 ~ 36VDC
580kHz
5.0VDC
2.5 ~ 8.0VDC
3mA
91.5
83.5
SSR01-12S09
12V
10.5 ~ 36VDC
580kHz
9.0VDC
4.5 ~ 12.6VDC
4mA
94.5
89.0
SSR01-24S12
24V
13.5 ~ 36VDC
580kHz
12VDC
4.5 ~ 13.5VDC
4mA
95.0
91.0
SSR01-24S15
24V
16.5 ~ 36VDC
580kHz
15VDC
4.5 ~ 15.5VDC
0A
1A
4mA
95.5
92.5
SSR01-12S05 Derating Curve
SSR01-12S05 Efficiency vs. Input Voltage
SSR01-12S05 Efficiency vs. Output Load
Negative output application-
Output
Current
Efficiency (%) (3)
Model Name
Nominal
Input
Input
Voltage
Frequency
Nominal
Output
Output Voltage
Trim Range
Min.
Max.
No Load
Current (2)
Min. Vin
Max. Vin
SSR01-12S3P3
12V
4.6 ~ 32VDC
300kHz
-3.3VDC
-1.5 ~ -5.5VDC
0 A
-0.6 A
3mA
74.0
77.5
SSR01-12S05
12V
4.6 ~ 31VDC
580kHz
-5.0VDC
-2.5 ~ -8.0VDC
0 A
-0.4 A
3mA
80.0
78.5
SSR01-12S09
12V
7 ~ 27VDC
580kHz
-9.0VDC
-4.5 ~ -12.6VDC
0 A
-0.3 A
7mA
85.0
82.0
SSR01-24S12
12V
7 ~ 24VDC
580kHz
-12VDC
-4.5 ~ -13.5VDC
0 A
-0.3 A
7mA
84.5
86.0
SSR01-24S15
12V
7 ~ 21VDC
580kHz
-15VDC
-4.5 ~ -15.5VDC
0 A
-0.2 A
10mA
85.5
84.0
SSR01-12S05 -5Vout Derating Curve
SSR01-12S05 -5Vout Efficiency VS Input Voltage
SSR01-12S05 -5Vout Efficiency VS Output Load


Similar Part No. - SSR01_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
More results

Similar Description - SSR01_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0 Datasheet
464Kb / 2P
   NON- ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01_14 Datasheet
928Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
PSR1.0 P-DUKE-PSR1.0_14 Datasheet
462Kb / 3P
   NON-ISOLATION DC-DC CONVERTER
NSR01 P-DUKE-NSR01 Datasheet
763Kb / 3P
   NON- ISOLATION DC-DC CONVERTER
logo
Wall Industries,Inc.
DCPSR2 WALL-DCPSR2 Datasheet
449Kb / 5P
   30 Watts Non-Isolation DC/DC Converter Single Output
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Bel Fuse Inc.
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com