Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF150 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # TDF150
Description  2 X 4 Inch AC-DC POWER SUPPLIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

TDF150 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  TDF150_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD TDF150_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD TDF150_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD TDF150_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD TDF150_14 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAF150
4
www.PDUKE.com
2014/7/30
MECHANICAL DRAWING
TAF
Open type
TDF
Din rail type
TEF
Enclosed type
TUF
U chassis type
1. All dimensions in inch (mm)
2. Tolerance : x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. M3×0.5 screw locked torque MAX 5Kgf.cm/0.49N.m
CONNECTORS CONNECTIONS
CON1 – Input Connector
Pin 1
Line
Pin 3
Neutral
Mates with
JST housing : VHR-3N
JST crimp terminals : SVH-21T-P1.1
Mounting holes marked with
must be connected to safety earth for CLASS I application
CON2 – Output Connector
Pin 1,2,3
-Vout
Pin 4,5,6
+Vout
Mates with
JST housing : VHR-6N
JST crimp terminals : SVH-21T-P1.1
CON3 – Fan Connector
Pin 1
-Fan
Pin 2
+Fan
Mates with
Molex housing : 22-01-1022
Molex crimp terminals : 2759


Similar Part No. - TDF150_14

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
TDF156K20CB SHARMA-TDF156K20CB Datasheet
446Kb / 2P
   Tantalum Capacitors
TDF156K25CB SHARMA-TDF156K25CB Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - TDF150_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEF150 P-DUKE-TEF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TUF150 P-DUKE-TUF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150 P-DUKE-TAF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
logo
TDK Electronics
CUS250M TDK-CUS250M Datasheet
2Mb / 10P
   2 x 4” 250W AC-DC Power Supplies
August 23rd 2022 V2
logo
MicroPower Direct, LLC
MPM-07S MPD-MPM-07S Datasheet
234Kb / 2P
   Compact 1 x 2 Inch 7W, Single Output AC/DC Power Supplies
logo
TDK Electronics
ZPSA20-12 TDK-ZPSA20-12 Datasheet
315Kb / 2P
   2 x 3.5??14-22W AC-DC Power Supplies
logo
MicroPower Direct, LLC
MPM-05MM MPD-MPM-05MM Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAB120-28 MURATA-PS-MVAB120-28 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com