Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS02-24S24W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # SDS02-24S24W
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS02-24S24W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  SDS02-24S24W Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS02-24S24W Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS02-24S24W Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SDS02W
SDH02W
3
www.PDUKE.com
2014/10/02
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (1)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air ± 8kV
Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
The standard modules meet EMI Class A or Class B and input reflected ripple current with external components. For further information, please
contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220 µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
SDS(H)02-48S05W Derating Curve
SDS(H)02-48S05W Efficiency vs. Input Voltage
SDS(H)02-48S05W Efficiency vs. Output Current
MECHANICAL DRAWING
SDS02W: SMD TYPE
PIN CONNECTION
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
4
Ctrl
Ctrl
5
NC
-Vout
6
-Vout
Common
7
+Vout
+Vout
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
SDH02W: DIP TYPE


Similar Part No. - SDS02-24S24W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS02-24S24W P-DUKE-SDS02-24S24W Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results

Similar Description - SDS02-24S24W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com