Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7022PJ-C-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7022PJ-C-G
Description  34-Channel Symmetric Row Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7022PJ-C-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV7022PJ-C-G Datasheet HTML 1Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 2Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 3Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 4Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 5Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 6Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 7Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 8Page - Supertex, Inc HV7022PJ-C-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV7022C
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7022C
B041111
Ordering Information
Device
Package Options
44-Lead Quad Cerpac
Chip Carrier
.650x.650in body
.190in height (max)
.050in pitch
44-Lead PLCC
.653x.653in body
.180in height (max)
.050in pitch
HV7022-C
HV7022DJ-C*
HV7022PJ-C-G
-G indicates package is RoHS compliant (‘Green’)
* Hi-Rel process flow available.
Absolute Maximum Ratings
Pin Configuration
1 44
6
40
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV7022DJ-C
LLLLLLLLLL
CCCCCCCCCCC
AAA
44-Lead Quad Cerpac Chip Carrier (DJ)
44-Lead Quad Cerpac Chip Carrier (DJ)
(top view)
1 44
6
40
44-Lead PLCC (PJ)
(top view)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV7022PJ-C
LLLLLLLLLL
CCCCCCCCCCC
44-Lead PLCC (PJ)
Parameter
Value
Supply voltage, V
DD
-0.3V to +15V
Supply voltage, V
PP
-0.3V to +250V
Logic input levels
-0.3V to V
DD +0.3V
Ground current1
1.5A
Continuous total power dissipation2
Plastic
Ceramic
1200mW
1500mW
Operating temperature range
Plastic
Ceramic
-40OC to +85OC
-55OC to +125OC
Storage temperature range
-65OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
Notes:
1.
Duty cycle is limited by the total power dissipated in the package.
2.
For operation above 25°C ambient derate linearly to maximum
operating temperature at 25mW/°C for plastic and at 15mW/°C for
ceramic.
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or


Similar Part No. - HV7022PJ-C-G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7022PJ-C-G MICROCHIP-HV7022PJ-C-G Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
More results

Similar Description - HV7022PJ-C-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
   34-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C_07 Datasheet
943Kb / 8P
   34-Channel Symmetric Row Driver
logo
Microchip Technology
HV7022 MICROCHIP-HV7022 Datasheet
321Kb / 15P
   34-Channel Symmetric Row Driver
07/14/15
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224 Datasheet
466Kb / 7P
   40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
   40-Channel Symmetric Row Driver
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
   symmetric booster
logo
Fairchild Semiconductor
AN-4158 FAIRCHILD-AN-4158 Datasheet
623Kb / 6P
   Symmetric Dual N-Channel Shielded Gate PowerTrench
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
   DPDT SYMMETRIC SWITCH
logo
Vincotech
10-FZ07NBA100SM10-M305L68 VINCOTECH-10-FZ07NBA100SM10-M305L68 Datasheet
1Mb / 16P
   Symmetric booster
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com