Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFEC30-12D12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # UFEC30-12D12
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFEC30-12D12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  UFEC30-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFEC30-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFEC30-12D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFEC30-12D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/6/5
UFEC30 SERIES
CHASSIS-MOUNT DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 30 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
APPLICATION OF CHASSIS-MOUNT DC/DC CONVERTERS
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
INTERNAL INPUT FUSE PROTECTION
INTERNAL OUTPUT LED INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
A
mA
%
µ
F
UFEC30-12S3P3
9.5 ~ 18
3.3
6
117
83
19500
UFEC30-12S05
9.5 ~ 18
5
6
98
85
10200
UFEC30-12S12
9.5 ~ 18
12
2.5
176
86
3240
UFEC30-12S15
9.5 ~ 18
15
2
218
86
1100
UFEC30-12S24
9.5 ~ 18
24
1.25
72
85
510
UFEC30-12S28
9.5 ~ 18
28
1
54
85
340
UFEC30-12D12
9.5 ~ 18
±12
±1.25
66
85
±1020
UFEC30-12D15
9.5 ~ 18
±15
±1
48
85
±675
UFEC30-24S3P3
18 ~ 36
3.3
6
51
85
19500
UFEC30-24S05
18 ~ 36
5
6
51
87
10200
UFEC30-24S12
18 ~ 36
12
2.5
83
88
3300
UFEC30-24S15
18 ~ 36
15
2
94
88
1100
UFEC30-24S24
18 ~ 36
24
1.25
37
87
510
UFEC30-24S28
18 ~ 36
28
1
38
87
340
UFEC30-24D12
18 ~ 36
±12
±1.25
33
87
±1020
UFEC30-24D15
18 ~ 36
±15
±1
34
87
±675
UFEC30-48S3P3
36 ~ 75
3.3
6
31
86
19500
UFEC30-48S05
36 ~ 75
5
6
36
88
10200
UFEC30-48S12
36 ~ 75
12
2.5
37
89
3300
UFEC30-48S15
36 ~ 75
15
2
57
89
1100
UFEC30-48S24
36 ~ 75
24
1.25
28
87
510
UFEC30-48S28
36 ~ 75
28
1
28
87
340
UFEC30-48D12
36 ~ 75
±12
±1.25
22
87
±1020
UFEC30-48D15
36 ~ 75
±15
±1
22
87
±675
PART NUMBER STRUCTURE
UFEC30 -
48
S
05
-
EC
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Assembly Option
(VDC)
(VDC)
S: Single
3P3:
05:
12:
15:
24:
28:
3.3
5
12
15
24
28
12:
24:
48:
9.5~18
18~36
36~75
D: Dual
12:
15:
±12
±15
:
EC:
DR:
ED:
No Assembly Option
Enclosed Mounting Type
Din Rail Mounting Type
Enclosed & Din Rail Mounting Type


Similar Part No. - UFEC30-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFEC30-24D12W P-DUKE-UFEC30-24D12W Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-24D15W P-DUKE-UFEC30-24D15W Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-24S05W P-DUKE-UFEC30-24S05W Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-24S12W P-DUKE-UFEC30-24S12W Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-24S15W P-DUKE-UFEC30-24S15W Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFEC30-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com