Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7351 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV7351
Description  Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7351 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV7351 Datasheet HTML 5Page - Supertex, Inc HV7351 Datasheet HTML 6Page - Supertex, Inc HV7351 Datasheet HTML 7Page - Supertex, Inc HV7351 Datasheet HTML 8Page - Supertex, Inc HV7351 Datasheet HTML 9Page - Supertex, Inc HV7351 Datasheet HTML 10Page - Supertex, Inc HV7351 Datasheet HTML 11Page - Supertex, Inc HV7351 Datasheet HTML 12Page - Supertex, Inc HV7351 Datasheet HTML 13Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
HV7351
Supertex inc.
www.supertex.com
Doc.# DSFP-HV7351
NR050213
Timing Diagram 1
TCk
0V
3.3V
Trig
Tx1 0V
+70V
Internal CLK
(for N=2)
0V
Example with Tx2 delay having
two TCk cycles more than Tx1
TCk = 1.65V (0.5V
LL)
Tx2
Delay time set by
Tx2 10 bit counter
Delay time set by
Tx1 10-bit counter
t
WTRIG needs to be at least
2 rising edges of TCk
0V
3.3V
0V
3.3V
-70V
+70V
-70V
3.5 TCk cycles
t
WTRIG
t
SU-TRIG
t
dr1
t
df2
t
df1
t
r1
t
f2
t
dr2
10%10%
90%
90%
10%10%
90%
90%
t
f1
t
r2
Timing Diagram 2
Example with Tx2 delay having
one TCk cycle more than Tx1
Delay time set by
Tx2 10 bit counter
3.5 TCk cycles
t
SU-TRIG
t
WTRIG needs to be at least
2 rising edges of TCk
t
WTRIG
Delay time set by
Tx1 10-bit counter
t
df3
90%
10%
10%
90%
t
f3
t
r3
t
dr3
TCk
0V
3.3V
Trig
Tx1 0V
+70V
Internal CLk
(for N=2)
0V
TCk = 1.65V (0.5V
LL)
Tx2
0V
3.3V
0V
3.3V
-70V
+70V
-70V


Similar Part No. - HV7351

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7351 MICROCHIP-HV7351 Datasheet
304Kb / 26P
   8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
HV7351K6-G MICROCHIP-HV7351K6-G Datasheet
304Kb / 26P
   8-Channel, 짹70V, 3A Programmable High-Voltage
01/27/15
More results

Similar Description - HV7351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7355 SUTEX-HV7355_14 Datasheet
449Kb / 8P
   Eight Channel, High Speed, Unipolar, Ultrasound Pulser 1.5A 150V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com