Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFEC60-24S12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # UFEC60-24S12
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFEC60-24S12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  UFEC60-24S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFEC60-24S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFEC60-24S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFEC60-24S12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/4/30
UFEC60 SERIES
CHASSIS-MOUNT DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 60 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
APPLICATION OF CHASSIS-MOUNT DC/DC CONVERTERS
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
INTERNAL INPUT FUSE PROTECTION
INTERNAL OUTPUT LED INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
A
mA
%
µ
F
UFEC60-24S3P3
18 ~ 36
3.3
14
102
87
36000
UFEC60-24S05
18 ~ 36
5
12
132
88
20400
UFEC60-24S12
18 ~ 36
12
5
57
89
3550
UFEC60-24S15
18 ~ 36
15
4
72
89
2300
UFEC60-24S24
18 ~ 36
24
2.5
85
88
885
UFEC60-48S3P3
36 ~ 75
3.3
14
100
87
36000
UFEC60-48S05
36 ~ 75
5
12
92
88
20400
UFEC60-48S12
36 ~ 75
12
5
35
89
3550
UFEC60-48S15
36 ~ 75
15
4
40
89
2300
UFEC60-48S24
36 ~ 75
24
2.5
60
88
885
PART NUMBER STRUCTURE
UFEC60 -
48
S
05
-
N
EC
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Remote Control
Option
Assembly Option
(VDC)
(VDC)
24:
48:
18~36
36~75
S: Single
3P3:
05:
12:
15:
24:
3.3
5
12
15
24
:
N:
Positive logic
Negative logic
:
EC:
DR:
ED:
No Assembly Option
Enclosed Mounting Type
Din Rail Mounting Type
Enclosed & Din Rail Mounting Type


Similar Part No. - UFEC60-24S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFEC15-24D05W P-DUKE-UFEC15-24D05W Datasheet
521Kb / 4P
   DC-DC CONVERTER
UFEC15-24D12W P-DUKE-UFEC15-24D12W Datasheet
521Kb / 4P
   DC-DC CONVERTER
UFEC15-24D15W P-DUKE-UFEC15-24D15W Datasheet
521Kb / 4P
   DC-DC CONVERTER
UFEC15-24S05W P-DUKE-UFEC15-24S05W Datasheet
521Kb / 4P
   DC-DC CONVERTER
UFEC15-24S12W P-DUKE-UFEC15-24S12W Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - UFEC60-24S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com