Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFED20-12D12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # UFED20-12D12
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFED20-12D12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  UFED20-12D12 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFED20-12D12 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFED20-12D12 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFED20-12D12 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.PDUKE.com
2014/6/5
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9.5
18
36
12
24
48
18
36
75
VDC
Input fuse (slow blow)
12Vin(nom)
24Vin(nom)
48Vin(nom)
6
6
4
A
In-rush current
15
A
Input reflected ripple current
Nominal input and Full load
10
mAp-p
Start up time
Constant resistive load
Power up
Remote ON/OFF
100
10
ms
Input surge voltage
100ms, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
36
50
100
VDC
Positive logic
(Standard)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12VDC
Short or 0 ~ 1.2VDC
Referred to –Vin pin
Negative logic
(Option)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
0.5
mA
Remote off input current
2.5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Line regulation
Low Line to High Line at Full Load
Single
Dual
-0.2
-0.5
+0.2
+0.5
%
Load regulation
No Load to Full Load
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Voltage adjustability
Single output
-10
+10
%
Ripple and noise
Measured by 20MHz bandwidth
Single
Dual
3.3Vout,
5Vout, 12Vout, 15Vout
All
60
75
100
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
Zener diode clamp
3.3Vout
5Vout
12Vout
15Vout
3.9
6.2
15
18
VDC
Output indicator
Green LED
Over load protection
% of Iout rated
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Chassis
1600
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
4000
pF
Switching frequency
450
500
550
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
Chassis material
Aluminum
Weight
89g (3.13oz)
MTBF
MIL-HDBK-217F, Full load
2.073 x 10
6 hrs


Similar Part No. - UFED20-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFED20-24D05W P-DUKE-UFED20-24D05W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24D12W P-DUKE-UFED20-24D12W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24D15W P-DUKE-UFED20-24D15W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24S05W P-DUKE-UFED20-24S05W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24S12W P-DUKE-UFED20-24S12W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFED20-12D12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com