Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URED20-24S05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # URED20-24S05W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

URED20-24S05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  URED20-24S05W Datasheet HTML 1Page - Power Mate Technology Co., LTD URED20-24S05W Datasheet HTML 2Page - Power Mate Technology Co., LTD URED20-24S05W Datasheet HTML 3Page - Power Mate Technology Co., LTD URED20-24S05W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/6/5
URED20W SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 20 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
APPLICATION OF CHASSIS-MOUNT DC/DC CONVERTERS
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
INTERNAL INPUT FUSE PROTECTION
INTERNAL OUTPUT LED INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, IEC60950-1, & EN50155
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
URED20-24S3P3W
9 ~ 36
3.3
4500
8
84
7000
URED20-24S05W
9 ~ 36
5
4000
8
87
5000
URED20-24S12W
9 ~ 36
12
1670
8
88
850
URED20-24S15W
9 ~ 36
15
1330
8
87
700
URED20-24D12W
9 ~ 36
±12
± 833
8
87
± 500
URED20-24D15W
9 ~ 36
±15
± 667
8
88
± 350
URED20-48S3P3W
18 ~ 75
3.3
4500
6
84
7000
URED20-48S05W
18 ~ 75
5
4000
6
87
5000
URED20-48S12W
18 ~ 75
12
1670
6
88
850
URED20-48S15W
18 ~ 75
15
1330
6
88
700
URED20-48D12W
18 ~ 75
±12
± 833
6
87
± 500
URED20-48D15W
18 ~ 75
±15
± 667
6
88
± 350
URED20-110S3P3W
43 ~ 160
3.3
4500
5
84
7000
URED20-110S05W
43 ~ 160
5
4000
5
86
5000
URED20-110S12W
43 ~ 160
12
1670
5
87
850
URED20-110S15W
43 ~ 160
15
1330
5
87
700
URED20-110D12W
43 ~ 160
±12
± 833
5
87
± 500
URED20-110D15W
43 ~ 160
±15
± 667
5
88
± 350
PART NUMBER STRUCTURE
URED20 -
48
S
05
W -
N
EC
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Input
Range
Remote Control
Option
Assembly Option
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
24:
48:
110:
9~36
18~75
43~160
D: Dual
12:
15:
±12
±15
4:1
:
N:
Positive logic
Negative logic
:
EC:
DR:
ED:
No Assembly Option
Enclosed Mounting Type
Din Rail Mounting Type
Enclosed & Din Rail Mounting Type


Similar Part No. - URED20-24S05W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URE1D15LD-20WR3 MORNSUN-URE1D15LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URE1D24LD-20WR3 MORNSUN-URE1D24LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results

Similar Description - URED20-24S05W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com