Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFEC40-12T0512 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # UFEC40-12T0512
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFEC40-12T0512 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  UFEC40-12T0512 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFEC40-12T0512 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFEC40-12T0512 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFEC40-12T0512 Datasheet HTML 4Page - Power Mate Technology Co., LTD UFEC40-12T0512 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UFEC40
4
www.PDUKE.com
2014/6/5
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI
EN55022
Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10V/m
Perf. Criteria A
Fast transient
EN61000-4-4
± 2kV
Perf. Criteria A
Surge
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Note:
1.
The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these
devices, however they may not meet all listed specification.
2.
Test by minimum input and constant resistive load.
CHARACTERISTIC CURVE
UFEC40-48S05 Derating Curve
UFEC40-48S05 Efficiency vs. Input Voltage
UFEC40-48S05 Efficiency vs. Output Load


Similar Part No. - UFEC40-12T0512

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFEC40-24D12W P-DUKE-UFEC40-24D12W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24D15W P-DUKE-UFEC40-24D15W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24S05W P-DUKE-UFEC40-24S05W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24S12W P-DUKE-UFEC40-24S12W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24S15W P-DUKE-UFEC40-24S15W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFEC40-12T0512

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com