Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1822 Datasheet(PDF) 6 Page - Supertex, Inc

Part # MD1822
Description  High Speed Four Channel MOSFET Driver with Two Inverting and Two Non-Inverting Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1822 Datasheet(HTML) 6 Page - Supertex, Inc

  MD1822 Datasheet HTML 1Page - Supertex, Inc MD1822 Datasheet HTML 2Page - Supertex, Inc MD1822 Datasheet HTML 3Page - Supertex, Inc MD1822 Datasheet HTML 4Page - Supertex, Inc MD1822 Datasheet HTML 5Page - Supertex, Inc MD1822 Datasheet HTML 6Page - Supertex, Inc MD1822 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
MD1822
Pin #
Function
Description
1
INB
Logic input.
2
VDD
High side supply voltage.
3
VSS
Low side supply voltage. VSS is also connected to the IC substrate. It is required to
connect to the most negative potential of voltage supplies.
4
INC
Logic input.
5
IND
6
GND
Logic input ground reference.
7
VL
Supply voltage for N-channel output stage.
8
OUTC
Output drivers
9
OUTD
10, 11
VH
Supply voltage for P-channel output stage.
12
OUTA
Output drivers
13
OUTB
14
VL
Supply voltage for N-channel output stage.
15
PE
Power enable logic input. When PE is high, sets the input logic threshold. When PE is
low, all outputs are at default state (see truth table) and IC in standby mode.
16
INA
Logic input.
Substrate
The IC substrate is internally connected to the thermal pad. Thermal pad and VSS
must be connected externally.
Pin Description
MD1822 Delay vs Temperature
MD1822 t
r & tf vs Temperature
MD1822 Delay vs V
DD
MD1822 t
r & tf vs VDD
t
PLH
t
PHL
Temperature (OC)
-50
0
50
125
9
8
7
6
5
4
3
t
r
t
f
Temperature (OC)
-50
0
50
125
9
8
7
6
5
4
3
t
PLH
t
PHL
V
DD Voltage (V)
5
8
10
12
12
10
8
6
4
2
0
t
r
t
f
V
DD Voltage (V)
5
8
10
12
12
10
8
6
4
2
0


Similar Part No. - MD1822

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1820K6-G SUTEX-MD1820K6-G Datasheet
692Kb / 8P
   High Speed, Four Channel MOSFET Driver with Non-Inverting Outputs
More results

Similar Description - MD1822

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1820K6-G SUTEX-MD1820K6-G Datasheet
692Kb / 8P
   High Speed, Four Channel MOSFET Driver with Non-Inverting Outputs
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
logo
ATMEL Corporation
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
   FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Fairchild Semiconductor
DM74ALS1035 FAIRCHILD-DM74ALS1035 Datasheet
45Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
DM74ALS1035MX FAIRCHILD-DM74ALS1035MX Datasheet
49Kb / 4P
   Hex Non-Inverting Driver with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com