Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFED40-110D24W Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # UFED40-110D24W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFED40-110D24W Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  UFED40-110D24W Datasheet HTML 1Page - Power Mate Technology Co., LTD UFED40-110D24W Datasheet HTML 2Page - Power Mate Technology Co., LTD UFED40-110D24W Datasheet HTML 3Page - Power Mate Technology Co., LTD UFED40-110D24W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UFED40W
www.PDUKE.com
201
4/6/5
4
MECHANICAL DRAWING
CHASSIS MOUNTING TYPE
PIN CONNECTION
※ NC:No Connection
※ Screw terminals – wire range from
14 to 18 AWG
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
Ctrl
Ctrl
4
NC
NC
5
-Vout
-Vout
6
+Vout
Common
7
NC
+Vout
ENCLOSED MOUNTING TYPE
DIN RAIL MOUNTING TYPE
1. All dimensions in Inch (mm)
2. Tolerance : X.XX±0.02 (X.X±0.5)
4. Tolerance : X.XXX±0.01 (X.XX±0.25)
3. Hole screw locked torque :
MAX 5.0kgf
-cm (0.49N-m)
4. Terminal screw locked torque :
MAX 2.5kgf
-cm (0.25N-m)


Similar Part No. - UFED40-110D24W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFED20-12D12 P-DUKE-UFED20-12D12 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12D15 P-DUKE-UFED20-12D15 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S05 P-DUKE-UFED20-12S05 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S12 P-DUKE-UFED20-12S12 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S15 P-DUKE-UFED20-12S15 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFED40-110D24W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com