Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP05N50H-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP05N50H-HF
Description  Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP05N50H-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP05N50H-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP05N50H-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP05N50H-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP05N50H-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
500V
▼ Fast Switching Characteristic
RDS(ON)
1.4Ω
▼ Simple Drive Requirement
ID
5.0A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
PD@TA=25℃
Total Power Dissipation
4
W
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
1.7
℃/W
Rthj-a
62.5
℃/W
Data & specifications subject to change without notice
Storage Temperature Range
-55 to 150
1
Parameter
201008092
2
Parameter
Linear Derating Factor
AP05N50H-HF
+20
Rating
500
Halogen-Free Product
5.0
18
73.5
3
2.8
45
0.59
-55 to 150
Maximum Thermal Resistance, Junction-ambient (PCB mount)
4
G
D
S
The AP05N50 provide high blocking voltage to overcome voltage surge
and sag in the toughest power system with the best combination of fast
switching,ruggedized design and cost-effectiveness.
G D
S
TO-252(H)
The TO-252 package is widely preferred for commercial-industrial
surface mount applications and suited for low voltage applications.


Similar Part No. - AP05N50H-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP05N50H-HF A-POWER-AP05N50H-HF Datasheet
64Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP05N50H-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com