Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVCH16831 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74ALVCH16831
Description  1-to 4 Address Register / Driver with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH16831 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74ALVCH16831 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 11Page - Hitachi Semiconductor HD74ALVCH16831 Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HD74ALVCH16831
10
Waveforms – 3
Vref1
Vref2
tZL
tLZ
tZH
tHZ
VOH
VOL
VCC
V
+0.15 V
OL
V
–0.15 V
OH
V
+0.3 V
OL
V
–0.3 V
OH
VCC
CC
Waveform - A
Output
Control
Waveform - B
GND
VIH
TEST
VIH
Vref
Vref1
Vref2
1/2 V
1.5 V
2.7 V
VOH1
VOL1
3.0 V
GND
GND
Vcc=2.7V,
3.3
±0.3V
Vcc=2.5
±0.2V
10 %
10 %
90 %
90 %
tr
tf
Vref
Vref
Vref
Vref
≈VOH1
≈VOL1
Notes:
1.
All input pulses are supplied by generators having the following characteristics :
PRR
≤ 10 MHz, Zo = 50 Ω, t
r ≤ 2.0 ns, tf ≤ 2.0 ns. (VCC = 2.5±0.2 V)
PRR
≤ 10 MHz, Zo = 50 Ω, t
r ≤ 2.5 ns, tf ≤ 2.5 ns. (VCC = 2.7 V, 3.3±0.3 V)
2.
Waveform – A is for an output with internal conditions such that the output is low except
when disabled by the output control.
3.
Waveform – B is for an output with internal conditions such that the output is high except
when disabled by the output control.
4.
The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74ALVCH16831

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results

Similar Description - HD74ALVCH16831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com