Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVCH16836 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74ALVCH16836
Description  20-bit Universal Bus Driver with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH16836 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74ALVCH16836 Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVCH16836 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HD74ALVCH16836
7
Switching Characteristics (Ta = –40 to 85°C)
Item
Symbol V
CC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
Maximum clock frequency f
max
2.5
±0.2 150
MHz
2.7
150
3.3
±0.3 150
Propagation delay time
t
PLH
2.5
±0.2 1.0
4.2
ns
A
Y
t
PHL
2.7
4.2
3.3
±0.3 1.0
3.6
2.5
±0.2 1.3
5.0
LE
Y
2.7
4.9
3.3
±0.3 1.3
4.2
2.5
±0.2 1.4
5.5
CLK
Y
2.7
5.2
3.3
±0.3 1.4
4.5
Output enable time
t
ZH
2.5
±0.2 1.4
5.5
ns
OE
Y
t
ZL
2.7
5.6
3.3
±0.3 1.1
4.6
Output disable time
t
HZ
2.5
±0.2 1.0
4.5
ns
OE
Y
t
LZ
2.7
4.3
3.3
±0.3 1.3
3.9
Input capacitance
C
IN
3.3
3.5
pF
Control inputs
3.3
6.0
Data inputs
Output capacitance
C
O
3.3
7.0
pF
Outputs


Similar Part No. - HD74ALVCH16836

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH16830 HITACHI-HD74ALVCH16830 Datasheet
52Kb / 11P
   1-bit to 2-bit Address Driver with 3-state Outputs
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16835 HITACHI-HD74ALVCH16835 Datasheet
51Kb / 12P
   18-bit Universal Bus Driver with 3-state Outputs
More results

Similar Description - HD74ALVCH16836

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC16836 HITACHI-HD74ALVC16836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162836 HITACHI-HD74ALVC162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
HD74ALVCH162836 HITACHI-HD74ALVCH162836 Datasheet
57Kb / 13P
   20-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162836 TI1-SN74ALVCH162836_09 Datasheet
372Kb / 16P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162836 TI-SN74ALVC162836 Datasheet
134Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162836 TI-SN74ALVCH162836 Datasheet
137Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16836 TI-SN74ALVCH16836 Datasheet
133Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162836 TI-SN74ALVC162836_06 Datasheet
157Kb / 10P
[Old version datasheet]   20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74AVC PERICOM-PI74AVC Datasheet
102Kb / 9P
   2.5V 20-Bit Universal Bus Driver with 3-State Outputs
logo
Integrated Device Techn...
IDT74ALVC162836 IDT-IDT74ALVC162836 Datasheet
65Kb / 6P
   3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com